Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S4UF Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD5V0S4UF
Description  Unidirectional quadruple ESD protection diode arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S4UF Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD5V0S4UF Datasheet HTML 1Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 2Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 3Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 4Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 5Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 6Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 7Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 8Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Unidirectional quadruple ElectroStatic Discharge (ESD) protection diode arrays in a small
SOT886 Surface-Mounted Device (SMD) plastic package designed to protect up to four
signal lines from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
1.4 Quick reference data
PESD3V3S4UF; PESD5V0S4UF
Unidirectional quadruple ESD protection diode arrays
Rev. 01 — 17 January 2008
Product data sheet
I ESD protection of up to four lines
I ESD protection up to 30 kV
I Max. peak pulse power: PPP = 110 W
I IEC 61000-4-2; level 4 (ESD)
I Low clamping voltage: VCL =11V
I IEC 61000-4-5 (surge); IPP =10A
I Ultra low leakage current: IRM =4nA
I AEC-Q101 qualified
I Computers and peripherals
I Communication systems
I Audio and video equipment
I Portable electronics
I Cellular handsets and accessories
Table 1.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3S4UF
-
-
3.3
V
PESD5V0S4UF
-
-
5.0
V
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3S4UF
-
110
300
pF
PESD5V0S4UF
-
85
220
pF


Similar Part No. - PESD5V0S4UF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S4UF PHILIPS-PESD5V0S4UF Datasheet
91Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD5V0S4UF NEXPERIA-PESD5V0S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
More results

Similar Description - PESD5V0S4UF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3S4UF PHILIPS-PESD3V3S4UF Datasheet
91Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD3V3S4UF NEXPERIA-PESD3V3S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com