Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9625D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9625D
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625D Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9625D Datasheet HTML 1Page - NXP Semiconductors PCA9625D Datasheet HTML 2Page - NXP Semiconductors PCA9625D Datasheet HTML 3Page - NXP Semiconductors PCA9625D Datasheet HTML 4Page - NXP Semiconductors PCA9625D Datasheet HTML 5Page - NXP Semiconductors PCA9625D Datasheet HTML 6Page - NXP Semiconductors PCA9625D Datasheet HTML 7Page - NXP Semiconductors PCA9625D Datasheet HTML 8Page - NXP Semiconductors PCA9625D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1.
General description
The PCA9625 is an I2C-bus controlled 16-bit LED driver optimized for voltage switch
dimming and blinking 100 mA Red/Green/Blue/Amber (RGBA) LEDs. Each LED output
has its own 8-bit resolution (256 steps) fixed frequency individual PWM controller that
operates at 97 kHz with a duty cycle that is adjustable from 0 % to 99.6 % to allow the
LED to be set to a specific brightness value. An additional 8-bit resolution (256 steps)
group PWM controller has both a fixed frequency of 190 Hz and an adjustable frequency
between 24 Hz to once every 10.73 seconds with a duty cycle that is adjustable from 0 %
to 99.6 % that is used to either dim or blink all LEDs with the same value.
Each LED output can be off, on (no PWM control), set at its individual PWM controller
value or at both individual and group PWM controller values. The PCA9625 operates with
a supply voltage range of 2.3 V to 5.5 V and the 100 mA open-drain outputs allow
voltages up to 24 V.
The PCA9625 is one of the first LED controller devices in a new Fast-mode Plus (Fm+)
family. Fm+ devices offer higher frequency (up to 1 MHz) and more densely populated bus
operation (up to 4000 pF).
The active LOW Output Enable input pin (OE) blinks all the LED outputs and can be used
to externally PWM the outputs, which is useful when multiple devices need to be dimmed
or blinked together without using software control.
Software programmable LED Group and three Sub Call I2C-bus addresses allow all or
defined groups of PCA9625 devices to respond to a common I2C-bus address, allowing
for example, all red LEDs to be turned on or off at the same time or marquee chasing
effect, thus minimizing I2C-bus commands. Seven hardware address pins allow up to
126 devices on the same bus.
The Software Reset (SWRST) Call allows the master to perform a reset of the PCA9625
through the I2C-bus, identical to the Power-On Reset (POR) that initializes the registers to
their default state causing the outputs to be set HIGH (LED off). This allows an easy and
quick way to reconfigure all device registers to the same condition.
The PCA9625 and PCA9635 software is identical and if the PCA9625 on-chip 100 mA
NAND FETs do not provide enough current or voltage to drive the LEDs, then the
PCA9635 with larger current or higher voltage external drivers can be used.
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
Rev. 02 — 15 January 2008
Product data sheet


Similar Part No. - PCA9625D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9620 NXP-PCA9620 Datasheet
535Kb / 71P
   Universal LCD driver for low multiplex rates
Rev. 1-9 December 2010
PCA9620 NXP-PCA9620 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9620 NXP-PCA9620 Datasheet
1Mb / 81P
   60 x 8 LCD high-drive segment driver for automotive and industrial
Rev. 3-3 July 2013
PCA9620H NXP-PCA9620H Datasheet
694Kb / 50P
   Automotive 18 횞 4 LCD segment driver
Rev. 5-15 March 2021
PCA9620H NXP-PCA9620H Datasheet
428Kb / 54P
   Automotive 40 횞 4 LCD driver
Rev. 3-3 December 2014
More results

Similar Description - PCA9625D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9956B NXP-PCA9956B Datasheet
1Mb / 53P
   24-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 1.2-10 June2020
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com