Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CC073XS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P5CC073XS
Description  Secure dual interface and contact PKI smart card controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CC073XS Datasheet(HTML) 5 Page - NXP Semiconductors

  P5CC073XS Datasheet HTML 1Page - NXP Semiconductors P5CC073XS Datasheet HTML 2Page - NXP Semiconductors P5CC073XS Datasheet HTML 3Page - NXP Semiconductors P5CC073XS Datasheet HTML 4Page - NXP Semiconductors P5CC073XS Datasheet HTML 5Page - NXP Semiconductors P5CC073XS Datasheet HTML 6Page - NXP Semiconductors P5CC073XS Datasheet HTML 7Page - NXP Semiconductors P5CC073XS Datasheet HTML 8Page - NXP Semiconductors P5CC073XS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
5 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
Common criteria CC EAL5+ certification planned [except ECC over GF(2n)] according
to BSI-PP-0002 protection profile
2.
Features
2.1 Standard family features
I EEPROM: choice of 12 KB, 20 KB, 40 KB, 72 KB, 80 KB or 144 KB
N Data retention time: 20 years minimum
N Endurance: 500000 cycles typical
I ROM: 200 KB
I RAM: 6144 B
N 256 B IRAM + 3.25 KB standard RAM usable for CPU
N 2560 B FXRAM usable for FameXE
I Dedicated Secure_MX51 Smart Card CPU (Memory eXtended/enhanced 80C51)
N 5-metal-layer 0.14 µm CMOS technology
N Operating in Contact and Contactless mode (dependent on family type option)
N Featuring a 24-bit universal memory space, 24-bit program counter
N Combined universal program and data linear address range up to 16 MB
N Additional instructions to improve:
- Pointer operations
- Performance
- Code density of both C and Java source code
I ISO/IEC 7816 contact interface
I PKI coprocessor FameXE
I Support of major Public Key Cryptography (PKC) systems like RSA, Elgamel, DSS,
Diffie-Hellman, Guillou-Quisquater, Fiat-Shamir and Elliptic Curves
N 8192 bits maximum key length for RSA with randomly chosen modulus
N 4096 bits maximum key length for calculation within RAM
N 32-bit interface
N Boolean operations for acceleration of standard, symmetric cipher algorithms
I High speed Triple-DES coprocessor (64-bit parallel processing DES engine)
N Two or three keys loadable
N DES3 performance < 40 µs
I High speed AES coprocessor (128-bit parallel processing AES engine)
I Memory Management Unit (MMU)
I Low power and low voltage design using NXP Semiconductors handshaking
technology
I Multiple source vectorized interrupt system with four priority levels
I Watch exception provides software debugging facility
I Multiple source RESET system
I Two 16-bit timers
I High reliable EEPROM for both data storage and program execution
I Bytewise EEPROM programming and read access


Similar Part No. - P5CC073XS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CC008UA NXP-P5CC008UA Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P5CC008XQ NXP-P5CC008XQ Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P5CC008XR NXP-P5CC008XR Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P5CC008XS NXP-P5CC008XS Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
More results

Similar Description - P5CC073XS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com