Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2212FBD14401 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC2212FBD14401
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212FBD14401 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC2212FBD14401 Datasheet HTML 2Page - NXP Semiconductors LPC2212FBD14401 Datasheet HTML 3Page - NXP Semiconductors LPC2212FBD14401 Datasheet HTML 4Page - NXP Semiconductors LPC2212FBD14401 Datasheet HTML 5Page - NXP Semiconductors LPC2212FBD14401 Datasheet HTML 6Page - NXP Semiconductors LPC2212FBD14401 Datasheet HTML 7Page - NXP Semiconductors LPC2212FBD14401 Datasheet HTML 8Page - NXP Semiconductors LPC2212FBD14401 Datasheet HTML 9Page - NXP Semiconductors LPC2212FBD14401 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LPC2212_2214_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 January 2008
6 of 45
NXP Semiconductors
LPC2212/2214
16/32-bit ARM microcontrollers
5.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type Description
P0[0] to P0[31]
I/O
Port 0 is a 32-bit bidirectional I/O port with individual direction controls for
each bit. The operation of port 0 pins depends upon the pin function selected
via the Pin Connect Block.
Pins 26 and 31 of port 0 are not available.
P0[0]/TXD0/PWM1
42
O
TXD0 — Transmitter output for UART0.
O
PWM1 — Pulse Width Modulator output 1.
P0[1]/RXD0/PWM3/
EINT0
49
I
RXD0 — Receiver input for UART0.
O
PWM3 — Pulse Width Modulator output 3.
I
EINT0 — External interrupt 0 input
P0[2]/SCL/CAP0[0]
50
I/O
SCL — I2C-bus clock input/output. Open-drain output (for I2C-bus
compliance).
I
CAP0[0] — Capture input for Timer 0, channel 0.
P0[3]/SDA/MAT0[0]/
EINT1
58
I/O
SDA — I2C-bus data input/output. Open-drain output (for I2C-bus
compliance).
O
MAT0[0] — Match output for Timer 0, channel 0.
I
EINT1 — External interrupt 1 input.
P0[4]/SCK0/CAP0[1]
59
I/O
SCK0 — Serial clock for SPI0. SPI clock output from master or input to slave.
I
CAP0[1] — Capture input for Timer 0, channel 1.
P0[5]/MISO0/MAT0[1]
61
I/O
MISO0 — Master In Slave OUT for SPI0. Data input to SPI master or data
output from SPI slave.
O
MAT0[1] — Match output for Timer 0, channel 1.
P0[6]/MOSI0/CAP0[2]
68
I/O
MOSI0 — Master Out Slave In for SPI0. Data output from SPI master or data
input to SPI slave.
I
CAP0[2] — Capture input for Timer 0, channel 2.
P0[7]/SSEL0/PWM2/
EINT2
69
I
SSEL0 — Slave Select for SPI0. Selects the SPI interface as a slave.
O
PWM2 — Pulse Width Modulator output 2.
I
EINT2 — External interrupt 2 input.
P0[8]/TXD1/PWM4
75
O
TXD1 — Transmitter output for UART1.
O
PWM4 — Pulse Width Modulator output 4.
P0[9]/RXD1/PWM6/
EINT3
76
I
RXD1 — Receiver input for UART1.
O
PWM6 — Pulse Width Modulator output 6.
I
EINT3 — External interrupt 3 input.
P0[10]/RTS1/CAP1[0]
78
O
RTS1 — Request to Send output for UART1.
I
CAP1[0] — Capture input for Timer 1, channel 0.
P0[11]/CTS1/CAP1[1]
83
I
CTS1 — Clear to Send input for UART1.
I
CAP1[1] — Capture input for Timer 1, channel 1.
P0[12]/DSR1/MAT1[0]
84
I
DSR1 — Data Set Ready input for UART1.
O
MAT1[0] — Match output for Timer 1, channel 0.
P0[13]/DTR1/MAT1[1]
85
O
DTR1 — Data Terminal Ready output for UART1.
O
MAT1[1] — Match output for Timer 1, channel 1.


Similar Part No. - LPC2212FBD14401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2212FBD144 PHILIPS-LPC2212FBD144 Datasheet
185Kb / 40P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2212FBD144 NXP-LPC2212FBD144 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212FBD144 NXP-LPC2212FBD144 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2212FBD144/00 NXP-LPC2212FBD144/00 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212FBD144/01 NXP-LPC2212FBD144/01 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
More results

Similar Description - LPC2212FBD14401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212 PHILIPS-LPC2212 Datasheet
185Kb / 40P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2292 PHILIPS-LPC2292 Datasheet
188Kb / 40P
   16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
Rev. 01-05 February 2004
LPC2292 PHILIPS-LPC2292_15 Datasheet
456Kb / 54P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 8-8 June 2011
LPC2212 PHILIPS-LPC2212_15 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 5-14 June 2011
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com