Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CD040X0 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P5CD040X0
Description  Secure dual interface and contact PKI smart card controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD040X0 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P5CD040X0 Datasheet HTML 6Page - NXP Semiconductors P5CD040X0 Datasheet HTML 7Page - NXP Semiconductors P5CD040X0 Datasheet HTML 8Page - NXP Semiconductors P5CD040X0 Datasheet HTML 9Page - NXP Semiconductors P5CD040X0 Datasheet HTML 10Page - NXP Semiconductors P5CD040X0 Datasheet HTML 11Page - NXP Semiconductors P5CD040X0 Datasheet HTML 12Page - NXP Semiconductors P5CD040X0 Datasheet HTML 13Page - NXP Semiconductors P5CD040X0 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
10 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
P5CD012X0
PDM1.1
contactless chip card module (super 35 mm format,
8-contact)
SOT658
P5CD020X0
P5CD040X0
P5CD080X0
P5CD144X0
P5CD012A4
MOB4
plastic leadless module carrier package; 35 mm
wide tape
SOT500-2
P5CD020A4
P5CD040A4
P5CD080A4
P5CD144A4
P5CD012A6
MOB6
plastic leadless module carrier package; 35 mm
wide tape
SOT500-3
P5CD020A6
P5CD040A6
P5CD080A6
P5CD144A6
Table 3.
Ordering information …continued
Type number
Package
Name
Description
Version
Table 4.
Feature table
Product
type
EEPROM
[KB]
User
ROM
[KB]
Total
RAM
[KB]
CXRAM
[KB]
FXRAM
[KB]
Coprocessor
ISO 7816
IO pads
Interface option
FameXE
DES
AES
P5CD012
12
200
6
3.5
2.5
yes
yes
yes
3
dual interface
P5CC021
20
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CD020
20
200
6
3.5
2.5
yes
yes
yes
3
dual interface
P5CC040
40
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CD040
40
200
6
3.5
2.5
yes
yes
yes
3
dual interface
P5CC073
72
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CN080
80
200
6
3.5
2.5
yes
yes
yes
3
contact + S2C
interface for NFC
P5CC080
80
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CD080
80
200
6
3.5
2.5
yes
yes
yes
3
dual interface
P5CN144
144
200
6
3.5
2.5
yes
yes
yes
2
contact + S2C
interface for NFC
P5CC144
144
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CD144
144
200
6
3.5
2.5
yes
yes
yes
3
dual interface


Similar Part No. - P5CD040X0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD041 NXP-P5CD041 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD041A4 NXP-P5CD041A4 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD041A6 NXP-P5CD041A6 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD041UA NXP-P5CD041UA Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD041UE NXP-P5CD041UE Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
More results

Similar Description - P5CD040X0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com