Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-873025AUP-ADAT2G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-873025AUP-ADAT2G
Description  HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-873025AUP-ADAT2G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-873025AUP-ADAT2G Datasheet HTML 5Page - Seiko Instruments Inc S-873025AUP-ADAT2G Datasheet HTML 6Page - Seiko Instruments Inc S-873025AUP-ADAT2G Datasheet HTML 7Page - Seiko Instruments Inc S-873025AUP-ADAT2G Datasheet HTML 8Page - Seiko Instruments Inc S-873025AUP-ADAT2G Datasheet HTML 9Page - Seiko Instruments Inc S-873025AUP-ADAT2G Datasheet HTML 10Page - Seiko Instruments Inc S-873025AUP-ADAT2G Datasheet HTML 11Page - Seiko Instruments Inc S-873025AUP-ADAT2G Datasheet HTML 12Page - Seiko Instruments Inc S-873025AUP-ADAT2G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.7.2_00
S-87x Series
Seiko Instruments Inc.
9
Absolute Maximum Ratings
Table 5
(Unless otherwise specified: Ta
=25°C)
Item
Symbol
Absolute maximum rating
Unit
Input voltage
*1
VIN
VSS−0.3 to VSS+26
V
VCD
(A/B/F type)
VSS−0.3 to VIN+0.3
PF
V
(C/G type)
VSS−0.3 to VSS+26
VSENSE
(E type)
Output voltage
VOUT
VSS−0.3 to VIN+0.3
Output voltage of voltage detector
VOR
VSS−0.3 to VSS+26
Power dissipation
PD
500 (When not mounted on board)
mW
1000
*2
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
*1. Even pulse (
μs) noise exceeding the above input voltage (V
SS+26 V) may damage the IC. Observe the
rated input voltage (VSS+26 V).
*2. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
1200
800
400
0
Ambient Temperature Ta (
°C)
1000
600
200
0
50
100
150
600
400
200
0
Ambient Temperature Ta (
°C)
500
300
100
Figure 7 Power dissipation of package


Similar Part No. - S-873025AUP-ADAT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-873025AUP-ADAT2X ABLIC-S-873025AUP-ADAT2X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
More results

Similar Description - S-873025AUP-ADAT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
   The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com