Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G99 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G99
Description  Ultra-configurable multiple function gate; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G99 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G99 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G99 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G99 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G99 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G99 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G99 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G99 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G99 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G99 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
74LVC1G99_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2008
3 of 26
NXP Semiconductors
74LVC1G99
Ultra-configurable multiple function gate; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration SOT505-2 (TSSOP8)
74LVC1G99
OE
VCC
AY
BD
GND
C
001aah323
1
2
3
4
6
5
8
7
Fig 3.
Pin configuration SOT833-1 (XSON8)
Fig 4.
Pin configuration SOT902-1 (XQFN8U)
74LVC1G99
D
Y
VCC
C
B
A
OE
GND
001aah324
36
27
18
45
Transparent top view
001aah325
A
D
OE
B
Y
C
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC1G99
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2 and
SOT833-1
SOT902-1
OE
1
7
output enable input OE (active LOW)
A
2
6
data input
B
3
5
data input
GND
4
4
ground (0 V)
C
5
3
data input
D
6
2
data input
Y
7
1
data output
VCC
8
8
supply voltage


Similar Part No. - 74LVC1G99

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99DP NXP-74LVC1G99DP Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Nexperia B.V. All right...
74LVC1G99DP NEXPERIA-74LVC1G99DP Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99GD NXP-74LVC1G99GD Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
More results

Similar Description - 74LVC1G99

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74AUP1G99 TI-SN74AUP1G99_09 Datasheet
629Kb / 24P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com