Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-875021BUP-ABGT2G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-875021BUP-ABGT2G
Description  HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-875021BUP-ABGT2G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-875021BUP-ABGT2G Datasheet HTML 4Page - Seiko Instruments Inc S-875021BUP-ABGT2G Datasheet HTML 5Page - Seiko Instruments Inc S-875021BUP-ABGT2G Datasheet HTML 6Page - Seiko Instruments Inc S-875021BUP-ABGT2G Datasheet HTML 7Page - Seiko Instruments Inc S-875021BUP-ABGT2G Datasheet HTML 8Page - Seiko Instruments Inc S-875021BUP-ABGT2G Datasheet HTML 9Page - Seiko Instruments Inc S-875021BUP-ABGT2G Datasheet HTML 10Page - Seiko Instruments Inc S-875021BUP-ABGT2G Datasheet HTML 11Page - Seiko Instruments Inc S-875021BUP-ABGT2G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87x Series
Rev.7.2_00
Seiko Instruments Inc.
8
Pin Configuration
Table 4
Pin No.
Symbol
Description
1
VOUT
Voltage output pin of voltage regulator
2
VSS
Ground pin
3
CD
(A/B/F type)
Connection pin of external capacitor
for delay of voltage detector
VPF
(C/G type)
Input pin of shutdown circuit
SENSE
(E type)
Voltage monitoring pin of voltage
detector
SOT-89-5
Top view
1
3
2
4
5
4
VOR
Output pin of voltage detector,
Nch opendrain output
5
VIN
Positive power-supply
Figure 6


Similar Part No. - S-875021BUP-ABGT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-875021BUP-ABGT2X ABLIC-S-875021BUP-ABGT2X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
More results

Similar Description - S-875021BUP-ABGT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
   The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com