Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-58LM20A Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-58LM20A
Description  CMOS TEMPERATURE SENSOR IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-58LM20A Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-58LM20A Datasheet HTML 1Page - Seiko Instruments Inc S-58LM20A Datasheet HTML 2Page - Seiko Instruments Inc S-58LM20A Datasheet HTML 3Page - Seiko Instruments Inc S-58LM20A Datasheet HTML 4Page - Seiko Instruments Inc S-58LM20A Datasheet HTML 5Page - Seiko Instruments Inc S-58LM20A Datasheet HTML 6Page - Seiko Instruments Inc S-58LM20A Datasheet HTML 7Page - Seiko Instruments Inc S-58LM20A Datasheet HTML 8Page - Seiko Instruments Inc S-58LM20A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
CMOS TEMPERATURE SENSOR IC
Rev.1.2_00
S-58LM20A Series
Seiko Instruments Inc.
3
Product Name Structure
• Users can select the product type in the S-58LM20A Series. Regarding the contents of the product name, refer to “1.
Product name” and regarding details, refer to“2. Product name list”.
1. Product name
(1) SC-82AB, SNT-4A package
S-58LM20A
-
xxxx
G
Package name (abbreviation) and packing specifications
*1
N4T1 : SC-82AB, Tape
I4T1 : SNT-4A, Tape
Product name
*1. Refer to the taping specifications.
(2) WLP-4B package
S-58LM20A
-
xxxx
S
Package name (abbreviation) and packing specifications
*1
H4T1 : WLP-4B, Tape
Product name
*1. Refer to the taping specifications.
2. Product name list
Table 1
Product Name
Temperature Accuracy
Package
S-58LM20A-N4T1G
±2.5°C
SC-82AB
S-58LM20A-I4T1G
±2.5°C
SNT-4A
S-58LM20A-H4T1S
±2.5°C
WLP-4B


Similar Part No. - S-58LM20A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5813A-I4T1G SII-S-5813A-I4T1G Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5814A SII-S-5814A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5814A-I4T1G SII-S-5814A-I4T1G Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
More results

Similar Description - S-58LM20A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com