Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH322245EC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVTH322245EC
Description  3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH322245EC Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVTH322245EC Datasheet HTML 1Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 2Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 3Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 4Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 5Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 6Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 7Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 8Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74LVTH322245_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 24 January 2007
5 of 12
NXP Semiconductors
74LVTH322245
3.3 V 32-bit bus transceiver with 30
Ω termination resistors; 3-state
8.
Recommended operating conditions
[1]
Above 70
°C the value of Ptot derates linearly with 1.8 mW/K.
9.
Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.7
-
3.6
V
VI
input voltage
0
-
5.5
V
IOH
HIGH-level output current
−12
-
-
mA
IOL
LOW-level output current
-
-
12
mA
Tamb
ambient temperature
in free air
−40
-
+85
°C
∆t/∆V
input transition rise and fall rate
outputs enabled
-
-
10
ns/V
Ptot
total power dissipation
[1] -
-
1000
mW
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIK
input clamping voltage
VCC = 2.7 V; IIK = −18 mA
−1.2
−0.85
-
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
VOH
HIGH-level output voltage
VCC = 3.0 V; IOH = −12 mA
2.0
2.5
-
V
VOL
LOW-level output voltage
VCC = 3.0 V; IOL = 12 mA
-
0.3
0.8
V
II
input leakage current
control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
±1
µA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
µA
input/output data pins; VCC = 3.6 V
[2]
VI = VCC
-
0.5
10
µA
VI = 0 V
−5
−0.1
-
µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
0.1
±100
µA
ILO
output leakage current
output HIGH; VO = 5.5 V; VCC = 3.0 V
-
75
125
µA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; nOE = don’t care
[4] -40
±100
µA
IBHL
bus hold LOW current
VCC = 3 V; VI = 0.8 V
75
135
-
µA
IBHH
bus hold HIGH current
VCC = 3 V; VI = 2.0 V
-
−135
−75
µA
IBHLO
bus hold LOW overdrive
current
VCC = 0 V to 3.6 V; VI = 3.6 V
[3] 500
-
-
µA
IBHHO
bus hold HIGH overdrive
current
VCC = 0 V to 3.6 V; VI = 3.6 V
[3] --
−500
µA
ICC
supply current
VCC = 3.6 V; VI = GND or VCC;IO =0A
outputs HIGH
-
0.14
0.24
mA
outputs LOW
-
8.4
12
mA
outputs disabled
[5] -
0.14
0.24
mA


Similar Part No. - 74LVTH322245EC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH322245 FAIRCHILD-74LVTH322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVTH322245G FAIRCHILD-74LVTH322245G Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results

Similar Description - 74LVTH322245EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVT_LVTH2245 PHILIPS-74LVT_LVTH2245_15 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
74LVT2245 NXP-74LVT2245_06 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
logo
NXP Semiconductors
74LVTH32245 NXP-74LVTH32245 Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Nexperia B.V. All right...
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
logo
Nexperia B.V. All right...
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com