Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-75V14ANC Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-75V14ANC
Description  MINI LOGIC SERIES 2 INPUT NAND GATE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75V14ANC Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-75V14ANC Datasheet HTML 1Page - Seiko Instruments Inc S-75V14ANC Datasheet HTML 2Page - Seiko Instruments Inc S-75V14ANC Datasheet HTML 3Page - Seiko Instruments Inc S-75V14ANC Datasheet HTML 4Page - Seiko Instruments Inc S-75V14ANC Datasheet HTML 5Page - Seiko Instruments Inc S-75V14ANC Datasheet HTML 6Page - Seiko Instruments Inc S-75V14ANC Datasheet HTML 7Page - Seiko Instruments Inc S-75V14ANC Datasheet HTML 8Page - Seiko Instruments Inc S-75V14ANC Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
MINI LOGIC SERIES 2 INPUT NAND GATE
Rev.2.2_00
S-75V00ANC
Seiko Instruments Inc.
3
Recommended Operating Conditions
Parameter
Symbol
Standard
Unit
Power Voltage
VCC
2 to 5.5
V
Input Voltage
VIN
0 to 5.5
V
Output Voltage
VOUT
0 to VCC
V
0 to 100 (VCC=3.3
±0.3 V)
Input Rise and Fall Time
dt/dv
0 to 20 (VCC=5
±0. 5 V)
ns/V
DC Characteristics
Parameter
Symbol
Conditions
Ta=25
°C
Ta=-40 to 85
°C
Unit
VCC
MIN.
TYP.
MAX.
MIN.
MAX.
2.0
1.5
1.5
Input
"H" level
VIH
3 to 5.5
VCCX0.7
VCCX0.7
Voltage
2.0
0.5
0.5
"L" level
VIL
3 to 5.5
VCCX0.3
VCCX0.3
V
2.0
1.9
2.0
1.9
VIN=VIL
IOH=-50
µA
3.0
2.9
3.0
2.9
"H" level
VOH
or VIH
4.5
4.4
4.5
4.4
IOH=-4 mA
3.0
2.58
2.48
Output
IOH=-8 mA
4.5
3.94
3.80
V
Voltage
2.0
0
0.1
0.1
IOL=50
µA
3.0
0
0.1
0.1
"L" level
VOL
VIN=VIH
4.5
0
0.1
0.1
IOL=4 mA
3.0
0.36
0.44
IOL=8 mA
4.5
0.36
0.44
Input Current
IIN
VIN=5.5 V or GND
0 to 5.5
±0.1
±1.0
µA
Current Consump.
ICC
VIN=VCC or GND
5.5
1.0
10.0
µA


Similar Part No. - S-75V14ANC

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-75V04ANC SII-S-75V04ANC Datasheet
78Kb / 7P
   INVERTER fabricated by utilizing advanced
S-75V04ANC-5V5-T2 SII-S-75V04ANC-5V5-T2 Datasheet
78Kb / 7P
   INVERTER fabricated by utilizing advanced
More results

Similar Description - S-75V14ANC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
logo
Renesas Technology Corp
HD74LV1GT00A RENESAS-HD74LV1GT00A Datasheet
101Kb / 7P
   2-input NAND Gate / CMOS Logic Level Shiftereg
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S00B 2-input NAND gate
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com