Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C76A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-93C76A
Description  CMOS SERIAL E2PROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C76A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-93C76A Datasheet HTML 5Page - Seiko Instruments Inc S-93C76A Datasheet HTML 6Page - Seiko Instruments Inc S-93C76A Datasheet HTML 7Page - Seiko Instruments Inc S-93C76A Datasheet HTML 8Page - Seiko Instruments Inc S-93C76A Datasheet HTML 9Page - Seiko Instruments Inc S-93C76A Datasheet HTML 10Page - Seiko Instruments Inc S-93C76A Datasheet HTML 11Page - Seiko Instruments Inc S-93C76A Datasheet HTML 12Page - Seiko Instruments Inc S-93C76A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CMOS SERIAL E2PROM
Rev.3.2_00
S-93C76A
Seiko Instruments Inc.
9
Operation
All instructions are executed by making CS “H” and then inputting DI at the rising edge of the SK pulse. An
instruction is input in the order of its start bit, instruction, address, and data. The start bit is recognized
when “H” of DI is input at the rising edge of SK after CS has been made “H”. As long as DI remains “L”,
therefore, the start bit is not recognized even if the SK pulse is input after CS has been made “H”. The SK
clock input while DI is “L” before the start bit is input is called a dummy clock. By inserting as many dummy
clocks as required before the start bit, the number of clocks the internal serial interface of the CPU can
send out and the number of clocks necessary for operation of the serial memory IC can be adjusted.
Inputting the instruction is complete when CS is made “L”. CS must be made “L” once during the period of
tCDS in between instructions.
“L” of CS indicates a standby status. In this status, input of SK and DI is invalid, and no instruction is
accepted.
1. Reading (READ)
The READ instruction is used to read the data at a specified address. When this instruction is
executed, the address A0 is input at the rising edge of SK and the DO pin, which has been in a high-
impedance (Hi-Z) state, outputs “L”. Subsequently, 16 bits of data are sequentially output at the rising
edge of SK.
If SK is output after the 16-bit data of the specified address has been output, the address is
automatically incremented, and the 16-bit data of the next address is then output. By inputting SK
sequentially with CS kept at “H”, the data of the entire memory space can be read. When the address
is incremented from the last address (A8 … A1 A0 = 1 … 1 1), it returns to the first address (A8 … A1 A0
= 0 … 0 0).
A8A7A6A5A4A3A2A1A0+1
A8A7A6A5A4A3A2A1A0+2
CS
1
3 4 5 6
7 8 9 10 11 12 13 14 15 16
2
26 27 28 29 30 31
42 43 44 45 46
32
48
SK
1
1
X
0
A8 A7 A6 A5 A4 A3 A2 A1 A0
DI
0 D15 D14 D13
D15 D14 D13
D2 D1 D0
D15 D14 D13
D2 D1 D0
Hi-Z
DO
Hi-Z
47
Figure 6 Read Timing


Similar Part No. - S-93C76A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C76A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com