Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93A66AD0A-J8T2GB Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-93A66AD0A-J8T2GB
Description  CMOS SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A66AD0A-J8T2GB Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-93A66AD0A-J8T2GB Datasheet HTML 1Page - Seiko Instruments Inc S-93A66AD0A-J8T2GB Datasheet HTML 2Page - Seiko Instruments Inc S-93A66AD0A-J8T2GB Datasheet HTML 3Page - Seiko Instruments Inc S-93A66AD0A-J8T2GB Datasheet HTML 4Page - Seiko Instruments Inc S-93A66AD0A-J8T2GB Datasheet HTML 5Page - Seiko Instruments Inc S-93A66AD0A-J8T2GB Datasheet HTML 6Page - Seiko Instruments Inc S-93A66AD0A-J8T2GB Datasheet HTML 7Page - Seiko Instruments Inc S-93A66AD0A-J8T2GB Datasheet HTML 8Page - Seiko Instruments Inc S-93A66AD0A-J8T2GB Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev.2.1_00
CMOS SERIAL E2PROM
S-93A46A/56A/66A
Seiko Instruments Inc.
1
The S-93A46A/56A/66A is a high-temperature
operation, high speed, low current consumption, 1 K-
bit, 2 K-bit and 4 K-bit serial E
2PROM with a wide
operating voltage range. It is organized as 64-word
×
16-bit, 128-word
× 16-bit and 256-word × 16-bit in
each. It is capable of sequential read, at which time
addresses are automatically incremented in 16-bit
blocks. The instruction code is compatible with the
NM93CS46/56/66.
Features
• Low current consumption
Standby: 3.0
µA Max. (VCC = 5.5 V)
Operating: 1.0 mA Max. (VCC
= 5.5 V)
0.6 mA Max. (VCC
= 2.7 V)
• Wide operating voltage range Read:
2.7 to 5.5 V
Write:
2.7 to 5.5 V
• Sequential read capable
• Write disable function when power supply voltage is low
• Function to protect against write due to erroneous instruction recognition
• CMOS schmitt input (CS, SK)
• Endurance:
10
6 cycles/word* (at +85°C)
1.5
× 10
5 cycles/word* (at +125°C)
* For each address (Word: 16 bits)
• Data retention:
15 years (after rewriting 1.5
× 10
5 cycles/word at +125°C)
• High-temperature operation:
+125°C Max.
• Lead-free products
Packages
Package name
Drawing code
Package
Tape
Reel
8-Pin SOP (JEDEC)
FJ008-A
FJ008-D
FJ008-D
Caution Before using the product in medical equipment or automobile equipment including car audios,
keyless entries and engine control units, contact to SII is indispensable.


Similar Part No. - S-93A66AD0A-J8T2GB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A66B SII-S-93A66B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A66B ABLIC-S-93A66B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A66BD0A-A8T1U3 SII-S-93A66BD0A-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93A66BD0A-A8T1U3 SII-S-93A66BD0A-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A66BD0A-A8T1U3 ABLIC-S-93A66BD0A-A8T1U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-93A66AD0A-J8T2GB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com