Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-75L08ANC Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-75L08ANC
Description  MINI LOGIC SERIES 2 INPUT NAND GATE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75L08ANC Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-75L08ANC Datasheet HTML 1Page - Seiko Instruments Inc S-75L08ANC Datasheet HTML 2Page - Seiko Instruments Inc S-75L08ANC Datasheet HTML 3Page - Seiko Instruments Inc S-75L08ANC Datasheet HTML 4Page - Seiko Instruments Inc S-75L08ANC Datasheet HTML 5Page - Seiko Instruments Inc S-75L08ANC Datasheet HTML 6Page - Seiko Instruments Inc S-75L08ANC Datasheet HTML 7Page - Seiko Instruments Inc S-75L08ANC Datasheet HTML 8Page - Seiko Instruments Inc S-75L08ANC Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Rev.2.2_00
MINI LOGIC SERIES
2 INPUT NAND GATE
S-75V00ANC
Seiko Instruments Inc.
1
The S-75V00ANC is a single 2-Input NAND Gate fabricated by utilizing
advanced silicon-gate CMOS technology which provides the inherent
benefit of CMOS low power consumption to achieve ultra high speed
operation correspond to LSTTL IC’s.
All gates of the internal circuitry have buffered outputs to ensure high noise
immunity and output stability.
Input voltage is allowed to be applied even if power voltage is not supplied
because no diode is inserted between an input pin and VCC.
This allows for interfaces between power supplies of different voltage,
output level conversion from 5 V to 3 V and battery backup applications.
Features
Applications
• Wide power supply range:
2 V to 5.5 V
• Personal computers, peripherals
• Low current consumption:
1.0
µA max. (at 5.5 V, 25°C)
• Cellular phones
• Typical propagation delay: tPD = 3.7 ns (at 5 V)
• Cameras
• High noise immunity:
VNIH=VNIL=28% VCC min.
• Games
• Power down protection:
All pins
• Very small plastic package: SC-88A
• Lead-free products
Pin Assignment
Marking Specification
Logic Diagram
True Values
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
3
2
1
4
(Top view)
5
5V1
OUT Y
1
IN B
IN A
GND
VCC
2
3
4
5
(Top view)
Product code
IN B
IN A
OUT Y


Similar Part No. - S-75L08ANC

ManufacturerPart #DatasheetDescription
logo
DONGABESTECH.
S-75 DONGABESTECH-S-75 Datasheet
784Kb / 1P
   A2F CABLE GLAND
logo
Seiko Instruments Inc
S-75V04ANC SII-S-75V04ANC Datasheet
78Kb / 7P
   INVERTER fabricated by utilizing advanced
S-75V04ANC-5V5-T2 SII-S-75V04ANC-5V5-T2 Datasheet
78Kb / 7P
   INVERTER fabricated by utilizing advanced
More results

Similar Description - S-75L08ANC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
logo
Renesas Technology Corp
HD74LV1GT00A RENESAS-HD74LV1GT00A Datasheet
101Kb / 7P
   2-input NAND Gate / CMOS Logic Level Shiftereg
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S00B 2-input NAND gate
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com