Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C86BD4I-J8T2G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-93C86BD4I-J8T2G
Description  CMOS SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C86BD4I-J8T2G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-93C86BD4I-J8T2G Datasheet HTML 1Page - Seiko Instruments Inc S-93C86BD4I-J8T2G Datasheet HTML 2Page - Seiko Instruments Inc S-93C86BD4I-J8T2G Datasheet HTML 3Page - Seiko Instruments Inc S-93C86BD4I-J8T2G Datasheet HTML 4Page - Seiko Instruments Inc S-93C86BD4I-J8T2G Datasheet HTML 5Page - Seiko Instruments Inc S-93C86BD4I-J8T2G Datasheet HTML 6Page - Seiko Instruments Inc S-93C86BD4I-J8T2G Datasheet HTML 7Page - Seiko Instruments Inc S-93C86BD4I-J8T2G Datasheet HTML 8Page - Seiko Instruments Inc S-93C86BD4I-J8T2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CMOS SERIAL E2PROM
Rev.2.2_00
S-93C86B
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 4
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to VCC +0.3
V
Output voltage
VOUT
−0.3 to VCC
V
Operating ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could
suffer physical damage. These values must therefore not be exceeded under any
conditions.
Recommended Operating Conditions
Table 5
−40 to +85°C
+85 to +105°C
Item
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ. Max.
Unit
READ/EWDS
1.8
5.5
4.5
5.5
V
Power supply voltage VCC
WRITE/ERASE/
WRAL/ERAL/EWEN
2.7
5.5
4.5
5.5
V
VCC
= 4.5 to 5.5 V
2.0
VCC
2.0
VCC
V
VCC
= 2.7 to 4.5 V
0.8
× VCC
VCC
V
High level input voltage VIH
VCC
= 1.8 to 2.7 V
0.8
× VCC
VCC
V
VCC
= 4.5 to 5.5 V
0.0
0.8
0.0
0.8
V
VCC
= 2.7 to 4.5 V
0.0
0.2
× VCC
V
Low level input voltage VIL
VCC
= 1.8 to 2.7 V
0.0
 0.15 × VCC
V
Pin Capacitance
Table 6
(Ta
= 25°C, f = 1.0 MHz, VCC = 5.0 V)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Capacitance
CIN
VIN
= 0 V
8
pF
Output Capacitance
COUT
VOUT
= 0 V
10
pF
Endurance
Table 7
Item
Symbol
Operating
Temperature
Min.
Typ.
Max.
Unit
−40 to +85°C
10
6
Endurance
NW
+85 to +105°C
3
× 10
5
cycles/word
*1
*1. For each address (Word: 16 bits)


Similar Part No. - S-93C86BD4I-J8T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C86C SII-S-93C86C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
S-93C86C SII-S-93C86C Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C86C ABLIC-S-93C86C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S-93C86CD0H-A8T1U3 SII-S-93C86CD0H-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93C86CD0H-A8T1U3 SII-S-93C86CD0H-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C86BD4I-J8T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com