Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93L46AD01-I8T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-93L46AD01-I8T1G
Description  LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93L46AD01-I8T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-93L46AD01-I8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-93L46AD01-I8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-93L46AD01-I8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-93L46AD01-I8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-93L46AD01-I8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93L46AD01-I8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93L46AD01-I8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93L46AD01-I8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93L46AD01-I8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Rev.3.1_00
LOW VOLTAGE OPERATION
CMOS SERIAL E2PROM
S-93L46A/56A/66A
Seiko Instruments Inc.
1
The S-93L46A/56A/66A is a low voltage operation,
high speed, low current consumption, 1/2/4 K-bit
serial E
2PROM with a wide operating voltage range.
It is organized as 64-word
× 16-bit, 128-word × 16-bit,
256-word
× 16-bit, respectively. Each is capable of
sequential read, at which time addresses are
automatically incremented in 16-bit blocks.
The
instruction
code
is
compatible
with
the
NM93CS46/56/66.
Features
• Low current consumption
Standby:
1.5
µA Max. (VCC = 5.5 V)
Operating: 0.8 mA Max. (VCC
= 5.5 V)
0.4 mA Max. (VCC
= 2.5 V)
• Wide operating voltage range Read:
1.6 to 5.5 V
Write:
1.8 to 5.5 V (WRITE, ERASE)
2.7 to 5.5 V (WRAL, ERAL)
• Sequential read capable
• Write disable function when power supply voltage is low
• Function to protect against write due to erroneous instruction recognition
• Endurance:
10
7 cycles/word*1 (at +25°C) write capable,
10
6 cycles/word*1 (at +85°C)
*1. For each address (Word: 16 bits)
• Data retention: 10 years (after rewriting 10
6 cycles/word at +85°C)
• S-93L46A:
1 K-bit NM93CS46 instruction code compatible
• S-93L56A:
2 K-bit NM93CS56 instruction code compatible
• S-93L66A:
4 K-bit NM93CS66 instruction code compatible
• Lead-free products
Packages
Drawing code
Package name
Package
Tape
Reel
Land
SNT-8A
PH008-A
PH008-A
PH008-A
PH008-A
8-Pin SOP(JEDEC)
FJ008-A
FJ008-D
FJ008-D
8-Pin TSSOP
FT008-A
FT008-E
FT008-E
WLP-7D
HD007-A
HD007-A
HD007-A
WLP-7D (Low profile)
HD007-B
HD007-B
HD007-B
Caution This product is intended to use in general electronic devices such as consumer electronics,
office equipment, and communications devices. Before using the product in medical
equipment or automobile equipment including car audio, keyless entry and engine control
unit, contact to SII is indispensable.


Similar Part No. - S-93L46AD01-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-I8T1G SII-S-93L76AD0I-I8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-J8T1G SII-S-93L76AD0I-J8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-K8T3U SII-S-93L76AD0I-K8T3U Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93L76AD0I-T8T1G SII-S-93L76AD0I-T8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
More results

Similar Description - S-93L46AD01-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-25A080A SII-S-25A080A Datasheet
362Kb / 31P
   125째C OPERATION SPI SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com