Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93L66AD01-I8T1G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-93L66AD01-I8T1G
Description  LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93L66AD01-I8T1G Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-93L66AD01-I8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-93L66AD01-I8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-93L66AD01-I8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93L66AD01-I8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93L66AD01-I8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93L66AD01-I8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93L66AD01-I8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-93L66AD01-I8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-93L66AD01-I8T1G Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Rev.3.1_00
S-93L46A/56A/66A
Seiko Instruments Inc.
7
Absolute Maximum Ratings
Table 10
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to VCC +0.3
V
Output voltage
VOUT
−0.3 to VCC
V
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could
suffer physical damage. These values must therefore not be exceeded under any
conditions.
Recommended Operating Conditions
Table 11
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
READ/EWDS
1.6
5.5
V
WRITE/ERASE/EWEN
1.8
5.5
V
Power supply voltage
VCC
WRAL/ERAL
2.7
5.5
V
VCC
= 4.5 to 5.5 V
2.0
VCC
V
VCC
= 2.7 to 4.5 V
0.8
× VCC
VCC
V
High level input voltage
VIH
VCC
= 1.6 to 2.7 V
0.8
× VCC
VCC
V
VCC
= 4.5 to 5.5 V
0.0
0.8
V
VCC
= 2.7 to 4.5 V
0.0
0.2
× VCC
V
Low level input voltage
VIL
VCC
= 1.6 to 2.7 V
0.0
0.15
× VCC
V
Pin Capacitance
Table 12
(Ta
= 25°C, f = 1.0 MHz, VCC = 5.0 V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Capacitance
CIN
VIN
= 0 V
8
pF
Output Capacitance
COUT
VOUT
= 0 V
10
pF


Similar Part No. - S-93L66AD01-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-I8T1G SII-S-93L76AD0I-I8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-J8T1G SII-S-93L76AD0I-J8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-K8T3U SII-S-93L76AD0I-K8T3U Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93L76AD0I-T8T1G SII-S-93L76AD0I-T8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
More results

Similar Description - S-93L66AD01-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-25A080A SII-S-25A080A Datasheet
362Kb / 31P
   125째C OPERATION SPI SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com