Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-875045AB Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-875045AB
Description  HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-875045AB Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-875045AB Datasheet HTML 1Page - Seiko Instruments Inc S-875045AB Datasheet HTML 2Page - Seiko Instruments Inc S-875045AB Datasheet HTML 3Page - Seiko Instruments Inc S-875045AB Datasheet HTML 4Page - Seiko Instruments Inc S-875045AB Datasheet HTML 5Page - Seiko Instruments Inc S-875045AB Datasheet HTML 6Page - Seiko Instruments Inc S-875045AB Datasheet HTML 7Page - Seiko Instruments Inc S-875045AB Datasheet HTML 8Page - Seiko Instruments Inc S-875045AB Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.7.2_00
S-87x Series
Seiko Instruments Inc.
5
Product Name Structure
1. Function list
Table 1
Shutdown
function
Type name
Voltage detector
(VD)
Detection voltage
(
−V
DET) accuracy
[%]
Release voltage
(
+V
DET) accuracy
[%]
Built-in
delay
circuit
VR
VD
A type
Detects VIN
±2.4
Yes
No
No
B type
Detects VOUT
±2.4
Yes
No
No
C type
Detects VIN
±2.4
No
Yes
No
E type
Detects VSENSE
±2.4
No
Yes
No
F type
Detects VIN
±1.1
Yes
No
No
G type
Detects VOUT
±2.4
No
Yes
No
2. Product name selection guide
S-87 xx xx x UP - xxx T2 G
IC direction in the tape sepecifications
*1
Product name (Abbreviation)
*2
Package name (Abbreviation)
UP: SOT-89-5
Product type
A: Built-in delay circuit, VIN detection (−VDET detection)
B: Built-in delay circuit, VOUT detection
C: Built-in shudown circuit for regulator, VIN detection
E: Built-in shudown circuit for regulator, VSENSE detection
F: Built-in delay circuit, VIN detection (+VDET detection)
G: Built-in shudown circuit for regulator, VOUT detection
Detection voltage of voltage detector
21 to 94, A0, B0, B3 (Ex. When the detection voltage of voltage
detector is 2.1 V, it is expressed as 21.
*3)
Output voltage of voltage regulator
25 to 56 (Ex. When the output voltage of voltage regulator is
2.5 V, it is expressed as 25.)
*1. Refer to the taping specifications at the end of this document.
*2. Refer to the Table 2 to Table 3 in the “3. Product name list”.
*3. A0 for 10.0 V, B0 for 11.0 V, B3 for 11.3 V.


Similar Part No. - S-875045AB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-875045AUP-AAA-T2 SII-S-875045AUP-AAA-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-875045AUP-AAAT2X ABLIC-S-875045AUP-AAAT2X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-875045AUP-AAB-T2 SII-S-875045AUP-AAB-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-875045AUP-AAC-T2 SII-S-875045AUP-AAC-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-875045AUP-AAD-T2 SII-S-875045AUP-AAD-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results

Similar Description - S-875045AB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
   The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com