Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93L66AR01-T8T1G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-93L66AR01-T8T1G
Description  LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93L66AR01-T8T1G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-93L66AR01-T8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-93L66AR01-T8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93L66AR01-T8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93L66AR01-T8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93L66AR01-T8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93L66AR01-T8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-93L66AR01-T8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-93L66AR01-T8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-93L66AR01-T8T1G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L46A/56A/66A
Rev.3.1_00
Seiko Instruments Inc.
8
Endurance
Table 13
Parameter
Symbol
Operating
Temperature
Min.
Typ.
Max.
Unit
Endurance
NW
−40 to +85°C
10
6
cycles/word
*1
*1. For each address (Word: 16 bits)
DC Electrical Characteristics
Table 14
VCC
= 4.5 to 5.5 V
VCC
= 2.5 to 4.5 V
VCC
= 1.6 to 2.5 V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max. Min. Typ. Max.
Unit
Current
consumption
(READ)
ICC1
DO no load
0.8
0.5
0.4
mA
Table 15
VCC
= 4.5 to 5.5 V
VCC
= 1.8 to 4.5 V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Current consumption
(WRITE)
ICC2
DO no load
2.0
1.5
mA
Table 16
VCC
= 4.5 to 5.5 V
VCC
= 2.5 to 4.5 V
VCC
= 1.6 to 2.5 V
Parameter
Symbol
Conditions
Min.
Typ. Max.
Min.
Typ. Max.
Min.
Typ. Max.
Unit
Standby current
consumption
ISB
CS
= GND, DO =
Open, Other inputs
to VCC or GND
1.5
 1.5
1.5
µA
Input leakage current
ILI
VIN
= GND to VCC
0.1
1.0
0.1 1.0
0.1
1.0
µA
Output leakage current
ILO
VOUT
= GND to VCC
0.1
1.0
0.1 1.0
0.1
1.0
µA
IOL
= 2.1 mA
0.4
V
Low level output voltage
VOL
IOL
= 100 µA
0.1
 0.1
0.1
V
IOH
= −400 µA
2.4
V
IOH
= −100 µA
VCC
− 0.3 
 VCC− 0.3 
V
High level output voltage
VOH
IOH
= −10 µA
VCC
− 0.2 
 VCC− 0.2 
 VCC− 0.2 
V
Write enable latch data
hold voltage
VDH
Only when write
disable mode
1.5
1.5
1.5
V


Similar Part No. - S-93L66AR01-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-I8T1G SII-S-93L76AD0I-I8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-J8T1G SII-S-93L76AD0I-J8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-K8T3U SII-S-93L76AD0I-K8T3U Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93L76AD0I-T8T1G SII-S-93L76AD0I-T8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
More results

Similar Description - S-93L66AR01-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-25A080A SII-S-25A080A Datasheet
362Kb / 31P
   125째C OPERATION SPI SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com