Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-816 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-816
Description  EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-816 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-816 Datasheet HTML 5Page - Seiko Instruments Inc S-816 Datasheet HTML 6Page - Seiko Instruments Inc S-816 Datasheet HTML 7Page - Seiko Instruments Inc S-816 Datasheet HTML 8Page - Seiko Instruments Inc S-816 Datasheet HTML 9Page - Seiko Instruments Inc S-816 Datasheet HTML 10Page - Seiko Instruments Inc S-816 Datasheet HTML 11Page - Seiko Instruments Inc S-816 Datasheet HTML 12Page - Seiko Instruments Inc S-816 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-816 Series
Seiko Instruments Inc.
9
2.2. Overcurrent Protection Circuit
The overcurrent protection function of the S-816 Series monitors the EXT pin sink current (base current of
the external PNP transistor) with an overcurrent protection circuit incorporated in the IC, and limits that
current (EXT pin sink current).
As the load current increases, the EXT pin sink current (base current of the external PNP transistor) also
grows larger to maintain the output voltage. The overcurrent protection circuit clamps and limits the EXT
pin sink current to the EXT output sink overcurrent set value (IMAX) in order to prevent it from increasing
beyond that value.
The load current at which the overcurrent protection function works is represented by the following
equation:
IOUT_MAX
= IMAX × hFE
In this case, hFE is the DC amplification factor of the external PNP transistor.
IOUT_MAX represents the maximum output current of this regulator. If it is attempted to obtain a higher load
current, the output voltage will fall.
Note that within the overcurrent protection function of this IC, the external PNP transistor may not be able
to be protected from collector overcurrents produced by an EXT-GND short-circuiting or other
phenomenon occurring outside the IC. To protect the external PNP transistor from such collector
overcurrents, it will be necessary to choose a transistor with a larger power dissipation than IOUT_MAX
× VIN,
or to add an external overcurrent protection circuit. With regard to this external overcurrent protection
circuit, refer to "Overcurrent Protection Circuit" in " Application Circuits".
2.3. Phase Compensation Circuit
The S-816 Series performs phase compensation with a phase compensation circuit, incorporated in the
IC, and the ESR (Equivalent Series Resistance) of an output capacitor, to secure stable operation even in
the presence of output load variation. A uniquely devised phase compensation circuit has resulted in
improved transient response characteristics of the IC, while preserving the same feature of low current
consumption. This feature allows the IC to be used in applications where the input variation or load
variation is heavy.
Because the S-816 Series is designed to perform the phase compensation, utilizing the ESR of an output
capacitor, such output capacitor (CL) should always be placed between VOUT and VSS. Since each
capacitor to be employed has an optimum range of their own characteristics, be sure to choose
components for the IC with your all attention. For details, refer to " Selection of Associated External
Components".


Similar Part No. - S-816

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-816A25AMC-BAAT2X ABLIC-S-816A25AMC-BAAT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-816A26AMC-BABT2X ABLIC-S-816A26AMC-BABT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-816A27AMC-BACT2X ABLIC-S-816A27AMC-BACT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-816A28AMC-BADT2X ABLIC-S-816A28AMC-BADT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results

Similar Description - S-816

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S816 SII-S816 Datasheet
796Kb / 24P
   EXTERNAL TRANSISTOR TYPE
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com