Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C56BD0I-T8T1G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-93C56BD0I-T8T1G
Description  CMOS SERIAL E2PROM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56BD0I-T8T1G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-93C56BD0I-T8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-93C56BD0I-T8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93C56BD0I-T8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93C56BD0I-T8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93C56BD0I-T8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93C56BD0I-T8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-93C56BD0I-T8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-93C56BD0I-T8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-93C56BD0I-T8T1G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
CMOS SERIAL E2PROM
S-93C46B/56B/66B
Rev.4.3_00
Seiko Instruments Inc.
8
Absolute Maximum Ratings
Table 9
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to VCC +0.3
V
Output voltage
VOUT
−0.3 to VCC
V
Operating ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could
suffer physical damage. These values must therefore not be exceeded under any
conditions.
Recommended Operating Conditions
Table 10
−40 to +85°C
+85 to +105°C
Item
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ. Max.
Unit
READ/EWDS
1.8
5.5
4.5
5.5
V
Power supply voltage
VCC
WRITE/ERASE/
WRAL/ERAL/EWEN
2.7
5.5
4.5
5.5
V
VCC
= 4.5 to 5.5 V
2.0
VCC
2.0
VCC
V
VCC
= 2.7 to 4.5 V
0.8
× VCC
VCC
V
High level input voltage VIH
VCC
= 1.8 to 2.7 V
0.8
× VCC
VCC
V
VCC
= 4.5 to 5.5 V
0.0
0.8
0.0
0.8
V
VCC
= 2.7 to 4.5 V
0.0
0.2
× VCC
V
Low level input voltage VIL
VCC
= 1.8 to 2.7 V
0.0
 0.15 × VCC
V
Pin Capacitance
Table 11
(Ta
= 25°C, f = 1.0 MHz, VCC = 5.0 V)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Capacitance
CIN
VIN
= 0 V
8
pF
Output Capacitance
COUT
VOUT
= 0 V
10
pF
Endurance
Table 12
Item
Symbol
Operating
Temperature
Min.
Typ.
Max.
Unit
−40 to +85°C
10
6
Endurance
NW
+85 to +105°C
3
× 10
5
cycles/word
*1
*1. For each address (Word: 16 bits)


Similar Part No. - S-93C56BD0I-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56BD0I-T8T1G SII-S-93C56BD0I-T8T1G Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C56BD0I-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com