Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-816A34AMC-BAJT2G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-816A34AMC-BAJT2G
Description  EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-816A34AMC-BAJT2G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-816A34AMC-BAJT2G Datasheet HTML 6Page - Seiko Instruments Inc S-816A34AMC-BAJT2G Datasheet HTML 7Page - Seiko Instruments Inc S-816A34AMC-BAJT2G Datasheet HTML 8Page - Seiko Instruments Inc S-816A34AMC-BAJT2G Datasheet HTML 9Page - Seiko Instruments Inc S-816A34AMC-BAJT2G Datasheet HTML 10Page - Seiko Instruments Inc S-816A34AMC-BAJT2G Datasheet HTML 11Page - Seiko Instruments Inc S-816A34AMC-BAJT2G Datasheet HTML 12Page - Seiko Instruments Inc S-816A34AMC-BAJT2G Datasheet HTML 13Page - Seiko Instruments Inc S-816A34AMC-BAJT2G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
S-816 Series
Rev.5.1_00
10
Seiko Instruments Inc.
Selection of Associated External Components
1. External PNP Transistor
Select an external transistor according to the conditions of input voltage, output voltage, and output
current. A low-saturation voltage PNP transistor with "hFE" ranging from 100 to 300 will be suitable for this
IC.
The parameters for selection of the external PNP transistor include the maximum collector-base voltage,
the maximum collector-emitter voltage, the DC amplification factor (hFE), the maximum collector current
and the collector dissipation.
The maximum collector-base voltage and the maximum collector-emitter voltage are determined by the
input voltage range in each specific application to be employed. You may select a transistor with an input
voltage at least several volts higher than the expected maximum input voltage.
The DC amplification factor (hFE) affects the maximum output current that can be supplied to the load.
With an internal overcurrent protection circuit of this IC, the base current is clamped, and will not exceed
the overcurrent set value (IMAX). Select a transistor which is capable of delivering the required maximum
output current to the intended application, with hfe and maximum collector current. (Refer to
" Overcurrent Protection Circuit")
Likewise, select a transistor, based on the maximum output current and the difference between the input
and output voltages, with due attention to the collector dissipation.
2. Output Capacitor (CL)
The S-816 Series performs phase compensation by an internal phase compensation circuit of IC, and the
ESR (Equivalent Series Resistance) of an output capacitor for to secure stable operation even in the
presence of output load variation. Therefore, always place a capacitor (CL) of 4.7
µF or more between
VOUT and VSS.
For stable operation of the S-816 Series, it is essential to employ a capacitor with an ESR having
optimum range. Whether an ESR is larger or smaller than that optimum range (approximately 0.1
Ω to
5
Ω), this could produce an unstable output, and cause a possibility of oscillations. For this reason, a
tantalum electrolytic capacitor is recommended.
When a ceramic capacitor or an OS capacitor having a low ESR is selected, it will be necessary to
connect an additional resistance that serves for the ESR in series with the output capacitor, as illustrated
in Figure 9. The resistance value that needs to be added will be from 0.1
Ω to 5 Ω, but this value may
vary depends on the service conditions, and should be defined through careful evaluation in advance. In
general, our recommendation is 0.3
Ω or so.
An aluminum electrolytic capacitor tends to produce oscillations as its ESR increases at a low
temperature. Beware of this case. When this type of capacitor is employed, make thorough evaluation of
it, including its temperature characteristics.
OUT
IN
R
≅ 0.3 Ω
CL
S-816 Series
EXT
VOUT
VSS
OFF
ON/
VIN
Figure 9
Caution The above connection diagram and constant will not guarantee successful operation.
Perform through evaluation using the actual application to set the constant.


Similar Part No. - S-816A34AMC-BAJT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816A34AMC-BAJT2X ABLIC-S-816A34AMC-BAJT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results

Similar Description - S-816A34AMC-BAJT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S816 SII-S816 Datasheet
796Kb / 24P
   EXTERNAL TRANSISTOR TYPE
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com