Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-816A37AMC-BAMT2G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-816A37AMC-BAMT2G
Description  EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-816A37AMC-BAMT2G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-816A37AMC-BAMT2G Datasheet HTML 1Page - Seiko Instruments Inc S-816A37AMC-BAMT2G Datasheet HTML 2Page - Seiko Instruments Inc S-816A37AMC-BAMT2G Datasheet HTML 3Page - Seiko Instruments Inc S-816A37AMC-BAMT2G Datasheet HTML 4Page - Seiko Instruments Inc S-816A37AMC-BAMT2G Datasheet HTML 5Page - Seiko Instruments Inc S-816A37AMC-BAMT2G Datasheet HTML 6Page - Seiko Instruments Inc S-816A37AMC-BAMT2G Datasheet HTML 7Page - Seiko Instruments Inc S-816A37AMC-BAMT2G Datasheet HTML 8Page - Seiko Instruments Inc S-816A37AMC-BAMT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Rev.5.1_00
EXTERNAL TRANSISTOR TYPE
CMOS VOLTAGE REGULATOR
S-816 Series
Seiko Instruments Inc.
1
The S-816 Series consists of external transistor type positive
voltage regulators, which have been developed using the CMOS
process. These voltage regulators incorporate an overcurrent
protection, and shutdown function. A low drop-out type regulator
with an output current ranging from several hundreds of mA to 1 A
can be configured with the PNP transistor driven by this IC.
Despite the features of the S-816, which is low current
consumption, the improvement in its transient response
characteristics of the IC with a newly deviced phase compensation
circuit made it possible to employ the products of the S-816 Series
even in applications where heavy input variation or load variation is
experienced.
The S-816 Series regulators serve as ideal power supply units for
portable devices when coupled with the SOT-23-5 minipackage,
providing numerous outstanding features, including low current
consumption. Since this series can accommodate an input voltage
of up to 16 V, it is also suitable when operating via an AC adapter.
Features
(1) Low current consumption
• Operation mode:
30
µA typ., 40 µA max.
• Shutdown mode:
1
µA max.
(2) Input voltage range:
16 V max.
(3) Output voltage accuracy:
± 2.0%
(4) Output voltage range:
Selectable between 2.5 V and 6.0 V in steps of 0.1 V.
(5) With shutdown function.
(6) A built-in current source (10
µA) eliminates the need of a base-emitter resistance.
(7) With overcurrent (base current) protection function.
(8) Lead-free products
Applications
• Power supplies for on-board such as battery devices for portable telephones, electronic notebooks, PDAs.
• Constant voltage power supplies for cameras, video equipment and portable communications equipment.
• Power Supplies for CPUs.
• Post-Regulators for Switching Regulators.
• Main Regulators in Multiple-Power Supply Systems.
Package
Drawing Code
Package Name
Package
Tape
Reel
SOT-23-5
MP005-A
MP005-A
MP005-A


Similar Part No. - S-816A37AMC-BAMT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816A37AMC-BAMT2X ABLIC-S-816A37AMC-BAMT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results

Similar Description - S-816A37AMC-BAMT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S816 SII-S816 Datasheet
796Kb / 24P
   EXTERNAL TRANSISTOR TYPE
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com