Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-882Z22-M5T1G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-882Z22-M5T1G
Description  ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-882Z22-M5T1G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-882Z22-M5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-882Z22-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-882Z22-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-882Z22-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-882Z22-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-882Z22-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-882Z22-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-882Z22-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-882Z22-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
Rev.1.2_00
S-882Z Series
Seiko Instruments Inc.
5
Electrical Characteristics
Table 4
(Ta
= 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Measurement
Circuit
Discharge start
voltage
*1
VCPOUT1
VIN
= 0.35 V
VCPOUT1(S)
− 0.1
VCPOUT1(S)
VCPOUT1(S)
+ 0.1
V
1
VCPOUT2
VCPOUT1(S)
= 1.8 V
VCPOUT1
− 0.60
VCPOUT1
− 0.33
V
1
Discharge stop
voltage
*2
VCPOUT1(S)
= 2.0 V
VCPOUT1
− 0.67
VCPOUT1
− 0.33
V
1
VCPOUT1(S)
= 2.2 V
VCPOUT1
− 0.74
VCPOUT1
− 0.33
V
1
VCPOUT1(S)
= 2.4 V
VCPOUT1
− 0.80
VCPOUT1
− 0.33
V
1
VIN
VCPOUT1(S)
= 1.8 to 2.4 V,
Ta
= −40 to +85°C
0.35
3.0
V
2
Operating input
voltage
*3
VCPOUT1(S)
= 1.8, 2.0 V,
Ta
= −30 to +60°C
0.30
3.0
V
2
Oscillation start
voltage
VST
Not externally connected, voltage
applied to VIN
0.3
V
Discharge
control switch
resistance
RM1
VCPOUT
= 1.8 to 2.4 V,
IOUT
= 3 mA
34
100
3
Discharge start
delay time
*4
tOUT
VIN
= 0.35 V, CCPOUT = 10 µF
7
25
s
2
Discharge start
voltage
temperature
coefficient
CPOUT1
CPOUT1
V
Ta
V
Ta
= −40 to +85°C
±150
±550
ppm/
°C
ISS
VIN
= 0.3 V, VCPOUT = 0 V
0.1
0.5
mA
4
VIN
= 0.6 V, VCPOUT = 0 V
0.5
1.5
mA
4
Current
consumption
during operation
VIN
= 1.0 V, VCPOUT = 0 V
1.2
3.0
mA
4
ISSS
VIN
= 0.3 V, VCPOUT = 0 V, VVM = 3.0 V
0.6
µA
5
VIN
= 0.6 V, VCPOUT = 0 V, VVM = 3.0 V
0.7
µA
5
VIN
= 1.0 V, VCPOUT = 0 V, VVM = 3.0 V
0.7
µA
5
Current
consumption
during shutdown
VIN
= 2.0 V, VCPOUT = 0 V, VVM = 3.0 V
0.8
µA
5
Shutdown
voltage
*5
VOFF
VIN
= 0.3 V, VCPOUT = 0 V
VOFF(S)
− 0.1
VOFF(S)
VOFF(S)
+ 0.1
V
6
Shutdown
voltage
temperature
coefficient
OFF
OFF
V
Ta
V
Ta
= −40 to +85°C
±150
±550
ppm/
°C
Discharge
control switch
leak current
*6
ILEAK
VIN
= VCPOUT = 0 V,
VOUT
= VVM = 3.0 V
0.1
µA
7
VM pin input
current
IVM
VVM
= 3.0 V
1.0
1.9
µA
8
Oscillation
frequency
fOSC
VIN
= 0.3 V
350
kHz
*1.
VCPOUT1 : Actual discharge start voltage value, VCPOUT1(S) : Discharge start voltage setting value
*2.
Voltage at which discharge to the OUT pin stops
*3.
Input voltage required to start discharge to the OUT pin from the startup capacitor
*4.
Delay time from when power is input to the VIN pin until the electric charge of the startup capacitor is discharged to the
OUT pin
*5.
VOFF :
Actual shutdown voltage value (VM pin voltage value at which shutdown actually occurs)
VOFF(S) : Shutdown voltage setting value (VM pin voltage setting value at which shutdown occurs)
VOFF(S) is automatically set to VCPOUT1(S)
+ 0.1 V.
*6.
Current that flows into the IC from the OUT pin due to the off-leak current of the discharge control switch
Caution The voltage that is input to the connected step-up DC-DC converter varies according to the consumption
current of the step-up DC-DC converter and the power smoothing capacitor. Set the discharge start
voltage based on thorough evaluation including the temperature characteristics under the actual usage
conditions.


Similar Part No. - S-882Z22-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFG SII-S-882125AMH-M2ATFG Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
More results

Similar Description - S-882Z22-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8880A SII-S8880A Datasheet
2Mb / 30P
   ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP FOR STEP-UP DC-DC CONVERTER STARTUP
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
   Low Voltage Operation STEP-UP DC-DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Linear Technology
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com