Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-816A53AMC-BBCT2G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-816A53AMC-BBCT2G
Description  EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-816A53AMC-BBCT2G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-816A53AMC-BBCT2G Datasheet HTML 1Page - Seiko Instruments Inc S-816A53AMC-BBCT2G Datasheet HTML 2Page - Seiko Instruments Inc S-816A53AMC-BBCT2G Datasheet HTML 3Page - Seiko Instruments Inc S-816A53AMC-BBCT2G Datasheet HTML 4Page - Seiko Instruments Inc S-816A53AMC-BBCT2G Datasheet HTML 5Page - Seiko Instruments Inc S-816A53AMC-BBCT2G Datasheet HTML 6Page - Seiko Instruments Inc S-816A53AMC-BBCT2G Datasheet HTML 7Page - Seiko Instruments Inc S-816A53AMC-BBCT2G Datasheet HTML 8Page - Seiko Instruments Inc S-816A53AMC-BBCT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-816 Series
Seiko Instruments Inc.
3
Product Code Structure
1. Product Name
S-816A
xx
A
MC
-
xxx
T2
G
IC direction in tape specifications
Product name (abbreviation)
Package name (abbreviation)
MC: SOT-23-5
Output voltage
× 10
25 to 60 (2.5 V to 6.0 V)
2. Product Name List
Table 1
Output Voltage
(V)
Product Name
Output Voltage
(V)
Product Name
2.5 V
±2.0%
S-816A25AMC-BAAT2G
4.3 V
±2.0%
S-816A43AMC-BAST2G
2.6 V
±2.0%
S-816A26AMC-BABT2G
4.4 V
±2.0%
S-816A44AMC-BATT2G
2.7 V
±2.0%
S-816A27AMC-BACT2G
4.5 V
±2.0%
S-816A45AMC-BAUT2G
2.8 V
±2.0%
S-816A28AMC-BADT2G
4.6 V
±2.0%
S-816A46AMC-BAVT2G
2.9 V
±2.0%
S-816A29AMC-BAET2G
4.7 V
±2.0%
S-816A47AMC-BAWT2G
3.0 V
±2.0%
S-816A30AMC-BAFT2G
4.8 V
±2.0%
S-816A48AMC-BAXT2G
3.1 V
±2.0%
S-816A31AMC-BAGT2G
4.9 V
±2.0%
S-816A49AMC-BAYT2G
3.2 V
±2.0%
S-816A32AMC-BAHT2G
5.0 V
±2.0%
S-816A50AMC-BAZT2G
3.3 V
±2.0%
S-816A33AMC-BAIT2G
5.1 V
±2.0%
S-816A51AMC-BBAT2G
3.4 V
±2.0%
S-816A34AMC-BAJT2G
5.2 V
±2.0%
S-816A52AMC-BBBT2G
3.5 V
±2.0%
S-816A35AMC-BAKT2G
5.3 V
±2.0%
S-816A53AMC-BBCT2G
3.6 V
±2.0%
S-816A36AMC-BALT2G
5.4 V
±2.0%
S-816A54AMC-BBDT2G
3.7 V
±2.0%
S-816A37AMC-BAMT2G
5.5 V
±2.0%
S-816A55AMC-BBET2G
3.8 V
±2.0%
S-816A38AMC-BANT2G
5.6 V
±2.0%
S-816A56AMC-BBFT2G
3.9 V
±2.0%
S-816A39AMC-BAOT2G
5.7 V
±2.0%
S-816A57AMC-BBGT2G
4.0 V
±2.0%
S-816A40AMC-BAPT2G
5.8 V
±2.0%
S-816A58AMC-BBHT2G
4.1 V
±2.0%
S-816A41AMC-BAQT2G
5.9 V
±2.0%
S-816A59AMC-BBIT2G
4.2 V
±2.0%
S-816A42AMC-BART2G
6.0 V
±2.0%
S-816A60AMC-BBJT2G


Similar Part No. - S-816A53AMC-BBCT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816A53AMC-BBCT2X ABLIC-S-816A53AMC-BBCT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results

Similar Description - S-816A53AMC-BBCT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S816 SII-S816 Datasheet
796Kb / 24P
   EXTERNAL TRANSISTOR TYPE
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com