Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-816A55AMC-BBET2G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-816A55AMC-BBET2G
Description  EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-816A55AMC-BBET2G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-816A55AMC-BBET2G Datasheet HTML 1Page - Seiko Instruments Inc S-816A55AMC-BBET2G Datasheet HTML 2Page - Seiko Instruments Inc S-816A55AMC-BBET2G Datasheet HTML 3Page - Seiko Instruments Inc S-816A55AMC-BBET2G Datasheet HTML 4Page - Seiko Instruments Inc S-816A55AMC-BBET2G Datasheet HTML 5Page - Seiko Instruments Inc S-816A55AMC-BBET2G Datasheet HTML 6Page - Seiko Instruments Inc S-816A55AMC-BBET2G Datasheet HTML 7Page - Seiko Instruments Inc S-816A55AMC-BBET2G Datasheet HTML 8Page - Seiko Instruments Inc S-816A55AMC-BBET2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-816 Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 3
(Ta
=25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Ratings
Unit
VIN Pin Voltage
VIN
VSS
−0.3 to VSS+18
V
VOUT Pin Voltage
VOUT
VSS
−0.3 to VSS+18
V
OFF
ON/
Pin Voltage
VON/OFF
VSS
−0.3 to VSS+18
V
EXT Pin Voltage
VEXT
VSS
−0.3 to VIN+0.3
V
EXT Pin Current
IEXT
50
mA
250 (When not mounted on board)
mW
Power Dissipation
PD
600
*1
mW
Operating Ambient Temperature
Topr
−40 to +85
°C
Storage Temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted on board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product
could suffer physical damage. These values must therefore not be exceeded
under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
0
Ambient Temperature (Ta) [
°C]
200
100
300
500
700
0
50
100
150
300
200
0
Ambient Temperature (Ta) [
°C]
100
250
150
50
Figure 3 Power Dissipation of Package


Similar Part No. - S-816A55AMC-BBET2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816A55AMC-BBET2X ABLIC-S-816A55AMC-BBET2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results

Similar Description - S-816A55AMC-BBET2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S816 SII-S816 Datasheet
796Kb / 24P
   EXTERNAL TRANSISTOR TYPE
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com