Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y5DC-AJLB Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # Y5DC-AJLB
Description  This precision optical performance oval LED is specifically designed for passenger information signs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

Y5DC-AJLB Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  Y5DC-AJLB Datasheet HTML 1Page - Everlight Electronics Co., Ltd Y5DC-AJLB Datasheet HTML 2Page - Everlight Electronics Co., Ltd Y5DC-AJLB Datasheet HTML 3Page - Everlight Electronics Co., Ltd Y5DC-AJLB Datasheet HTML 4Page - Everlight Electronics Co., Ltd Y5DC-AJLB Datasheet HTML 5Page - Everlight Electronics Co., Ltd Y5DC-AJLB Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
5484/Y5DC-AJLB/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 2 of 6
Device Number : DLE-548-028
Prepared date:06-28-2006
Prepared by: Grace Shen
Package Dimensions
Stopper Type
No Stopper Type
Notes:
․Other dimensions are in millimeters, tolerance is 0.25mm except being specified.
․Protruded resin under flange is 1.5mm Max LED.
․Bare copper alloy is exposed at tie-bar portion after cutting.


Similar Part No. - Y5DC-AJLB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
Y5D5231004 ADVANTECH-Y5D5231004 Datasheet
629Kb / 2P
   Intel® 6th/7th Generation Processor Fanless System; EN 50155 Compliant for Railway Applications
25-Feb-2022
Y5D5231004 ADVANTECH-Y5D5231004 Datasheet
753Kb / 2P
   Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
25-Feb-2022
Y5D5231004 ADVANTECH-Y5D5231004 Datasheet
553Kb / 2P
   Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
24-Aug-2021
Y5D5231004 ADVANTECH-Y5D5231004 Datasheet
824Kb / 2P
   Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
24-Aug-2021
Y5D5231005 ADVANTECH-Y5D5231005 Datasheet
489Kb / 2P
   AI Inference System Powered by NVIDIA® Jetson Orin™ NX for Railway Applications
17-Jan-2023
More results

Similar Description - Y5DC-AJLB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6374Y5DAAKMBXMS EVERLIGHT-6374Y5DAAKMBXMS Datasheet
95Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474Y3DBAGKBXMS EVERLIGHT-3474Y3DBAGKBXMS Datasheet
95Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484Y3DCAHLCXMS EVERLIGHT-5484Y3DCAHLCXMS Datasheet
100Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
6364G1DAANQAXMS EVERLIGHT-6364G1DAANQAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAHKBXMS EVERLIGHT-3474R3DBAHKBXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484GADCAMPAXMS EVERLIGHT-5484GADCAMPAXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAGKBXMS EVERLIGHT-3474R3DBAGKBXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474B1DBAFHAXMS EVERLIGHT-3474B1DBAFHAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474G1DBALNAXMS EVERLIGHT-3474G1DBALNAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484BADCAFHAXMS EVERLIGHT-5484BADCAFHAXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com