Electronic Components Datasheet Search |
|
S-1206B19-M3T1G Datasheet(PDF) 6 Page - Seiko Instruments Inc |
|
S-1206B19-M3T1G Datasheet(HTML) 6 Page - Seiko Instruments Inc |
6 / 36 page ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR S-1206 Series Rev.1.1_00 Seiko Instruments Inc. 6 Absolute Maximum Ratings Table 5 (Ta = 25 °C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit Input voltage VIN VSS − 0.3 to VSS + 7 V Output voltage VOUT VSS − 0.3 to VIN + 0.3 V SOT-23-3 430 *1 mW SOT-89-3 1000 *1 mW Power dissipation SNT-6A(H) PD 500 *1 mW Operating ambient temperature Topr −40 to +85 °C Storage temperature Tstg −40 to +125 °C *1. When mounted on board [Mounted board] (1) Board size : 114.3 mm × 76.2 mm × t1.6 mm (2) Board name : JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. 0 50 100 150 1200 800 0 Ambient Temperature (Ta) [ °C] SOT-89-3 400 1000 600 200 SNT-6A (H) SOT-23-3 Figure 5 Power Dissipation of Package (When Mounted on Board) |
Similar Part No. - S-1206B19-M3T1G |
|
Similar Description - S-1206B19-M3T1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |