Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-80936CNMC-G86T2G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-80936CNMC-G86T2G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80936CNMC-G86T2G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-80936CNMC-G86T2G Datasheet HTML 1Page - Seiko Instruments Inc S-80936CNMC-G86T2G Datasheet HTML 2Page - Seiko Instruments Inc S-80936CNMC-G86T2G Datasheet HTML 3Page - Seiko Instruments Inc S-80936CNMC-G86T2G Datasheet HTML 4Page - Seiko Instruments Inc S-80936CNMC-G86T2G Datasheet HTML 5Page - Seiko Instruments Inc S-80936CNMC-G86T2G Datasheet HTML 6Page - Seiko Instruments Inc S-80936CNMC-G86T2G Datasheet HTML 7Page - Seiko Instruments Inc S-80936CNMC-G86T2G Datasheet HTML 8Page - Seiko Instruments Inc S-80936CNMC-G86T2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.3.3_00
S-809xxC Series
Seiko Instruments Inc.
3
Product Name Structure
The detection voltage, output form and packages for S-809xxC Series can be selected at the user's
request. Refer to the "1. Product Name" for the construction of the product name and "2. Product Name
List" for the full product names.
1.
Product Name
S - 809xx
C
x
xx
-
xxx
xx
G
IC direction in tape specifications
*1
T2: SC-82AB, SOT-23-5
TF: SNT-4A
Product code
*2
Package code
NB: SC-82AB
MC: SOT-23-5
PF: SNT-4A
Output form
N:
Nch open-drain output (Active Low)
L:
CMOS output (Active Low)
Detection voltage value
13 to 60
(e.g. When the detection voltage is 1.3 V,
it is expressed as 13.)
*1. Refer to the taping specifications at the end of this book.
*2. Refer to the Table 1 to 2 in the “2. Product Name List”


Similar Part No. - S-80936CNMC-G86T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80936CNMC-G86T2X ABLIC-S-80936CNMC-G86T2X Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
More results

Similar Description - S-80936CNMC-G86T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
Seiko Instruments Inc
S-801 SII-S-801 Datasheet
336Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com