Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34-01-B4C-AKNB Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 34-01-B4C-AKNB
Description  5mm POWER LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

34-01-B4C-AKNB Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  34-01-B4C-AKNB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 34-01-B4C-AKNB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 34-01-B4C-AKNB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 34-01-B4C-AKNB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 34-01-B4C-AKNB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 34-01-B4C-AKNB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 34-01-B4C-AKNB Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Technical Data Sheet
5mm POWER LED
34-01/B4C-AKNB
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 7 of 7
Device number: DLE-303-017
Established date: 04-29-2007
Established by: Jim Lin
6. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
(30W Max.)
Preheat temp.
100
Max.
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder joint
to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com


Similar Part No. - 34-01-B4C-AKNB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
34-01-A5C-ARTC EVERLIGHT-34-01-A5C-ARTC Datasheet
108Kb / 6P
   5mm POWER LED
34-01-A5C-ASUC-AM EVERLIGHT-34-01-A5C-ASUC-AM Datasheet
239Kb / 10P
   Technical Data Sheet 5mm POWER LED
34-01-G4C-ARTB EVERLIGHT-34-01-G4C-ARTB Datasheet
172Kb / 7P
   5mm POWER LED
34-01-R5C-ARTC EVERLIGHT-34-01-R5C-ARTC Datasheet
107Kb / 6P
   5mm POWER LED
34-01-T4C-4PRB EVERLIGHT-34-01-T4C-4PRB Datasheet
144Kb / 8P
   5mm POWER LED
More results

Similar Description - 34-01-B4C-AKNB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
35-01-T4C-4PRB EVERLIGHT-35-01-T4C-4PRB Datasheet
166Kb / 8P
   5mm POWER LED
35-01-Y3C-ARTC EVERLIGHT-35-01-Y3C-ARTC Datasheet
190Kb / 6P
   5mm POWER LED
35-01-B4C-AKNB EVERLIGHT-35-01-B4C-AKNB Datasheet
150Kb / 7P
   5mm POWER LED
35-01-B4C-AKNB EVERLIGHT-35-01-B4C-AKNB_09 Datasheet
167Kb / 7P
   5mm POWER LED
34-01-T4C-4PRB EVERLIGHT-34-01-T4C-4PRB Datasheet
144Kb / 8P
   5mm POWER LED
35-01-R3C-ARTC EVERLIGHT-35-01-R3C-ARTC Datasheet
701Kb / 6P
   5mm POWER LED
34-01-A5C-ARTC EVERLIGHT-34-01-A5C-ARTC Datasheet
108Kb / 6P
   5mm POWER LED
35-01-A3C-ARTC EVERLIGHT-35-01-A3C-ARTC Datasheet
192Kb / 6P
   5mm POWER LED
35-01-G4C-ARTB EVERLIGHT-35-01-G4C-ARTB Datasheet
154Kb / 7P
   5mm POWER LED
34-01-G4C-ARTB EVERLIGHT-34-01-G4C-ARTB Datasheet
172Kb / 7P
   5mm POWER LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com