Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1323B24PF-N8JTFG Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1323B24PF-N8JTFG
Description  HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1323B24PF-N8JTFG Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1323B24PF-N8JTFG Datasheet HTML 1Page - Seiko Instruments Inc S-1323B24PF-N8JTFG Datasheet HTML 2Page - Seiko Instruments Inc S-1323B24PF-N8JTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1323B24PF-N8JTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1323B24PF-N8JTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1323B24PF-N8JTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1323B24PF-N8JTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1323B24PF-N8JTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1323B24PF-N8JTFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.4.2_00
S-1323 Series
Seiko Instruments Inc.
3
Product Name Structure
• The product types, output voltage and package types for the S-1323 Series can be selected at the user’s
request. Refer to the “Product name” for the meanings of the characters in the product name and
“Product name list” for the full product names.
1. Product name
S
−1323
x
xx
xx
− xxx
TF
G
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
PF:SNT-4A
NB:SC-82AB
Output voltage
15 to 55
(e.g. when the output voltage is 1.5 V,
it is expressed as 15.)
Product type
*3
A: ON/OFF pin negative logic
B: ON/OFF pin positive logic
*1. Refer to the taping specifications at the end of this book.
*2. Refer to the product name list.
*3. Refer to 3. Shutdown (ON/OFF pin) under the Operation.


Similar Part No. - S-1323B24PF-N8JTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1323B24PF-N8JTFU ABLIC-S-1323B24PF-N8JTFU Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results

Similar Description - S-1323B24PF-N8JTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S1323 SII-S1323 Datasheet
534Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2985 SII-S-L2985 Datasheet
244Kb / 23P
   HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com