Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5813A-I4T1G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-5813A-I4T1G
Description  CMOS TEMPERATURE SENSOR IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5813A-I4T1G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-5813A-I4T1G Datasheet HTML 7Page - Seiko Instruments Inc S-5813A-I4T1G Datasheet HTML 8Page - Seiko Instruments Inc S-5813A-I4T1G Datasheet HTML 9Page - Seiko Instruments Inc S-5813A-I4T1G Datasheet HTML 10Page - Seiko Instruments Inc S-5813A-I4T1G Datasheet HTML 11Page - Seiko Instruments Inc S-5813A-I4T1G Datasheet HTML 12Page - Seiko Instruments Inc S-5813A-I4T1G Datasheet HTML 13Page - Seiko Instruments Inc S-5813A-I4T1G Datasheet HTML 14Page - Seiko Instruments Inc S-5813A-I4T1G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CMOS TEMPERATURE SENSOR IC
Rev.1.2_00
S-5813A/5814A Series
Seiko Instruments Inc.
11
Characteristics (Typical Data)
1. Output voltage (VOUT) vs. Temperature (Ta)
2. Current consumption (IDD) vs. Temperature (Ta)
−40 −20
0
20
40
60
80
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
100
Ta [
°C]
−40 −20
0
20
40
60
80
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
100
VDD = 5.0 V
VDD = 10.0 V
VDD = 2.4 V
Ta [
°C]
3. Error range of each temperature
4. Current consumption (IDD) vs. Power supply voltage (VDD)
−40 −20
0
20
40
60
80
6
4
2
0
−2
−4
100
−6
Ta [
°C]
Approximation line:
VOUT [mV] =
−11.02 [mV/°C]
× Ta [°C] + 2245 [mV]
2.0 3.0 4.0 5.0 6.0 7.0 8.0
10
9
8
7
6
5
9.0
4
10.0
3
2
1
0
Ta = 100
°C
Ta = 30
°C
Ta =
−40°C
VDD [V]
5. Output voltage (VOUT) vs. Power supply voltage (VDD)
2.0 3.0 4.0 5.0 6.0 7.0 8.0
2.684
2.683
2.682
2.681
2.680
2.679
9.0
2.678
10.0
2.677
2.676
2.675
2.674
VDD [V]
Ta =
−40°C
2.0 3.0 4.0 5.0 6.0 7.0 8.0
1.941
1.940
1.939
1.938
1.937
1.936
9.0
1.935
10.0
1.934
1.933
1.932
1.931
VDD [V]
Ta = 30
°C
2.0 3.0 4.0 5.0 6.0 7.0 8.0
1.150
1.149
1.148
1.147
1.146
1.145
9.0
1.144
10.0
1.143
1.142
1.141
1.140
VDD [V]
Ta = 100
°C


Similar Part No. - S-5813A-I4T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5815A-H4T1 SII-S-5815A-H4T1 Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5816A SII-S-5816A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5816A-H4T1 SII-S-5816A-H4T1 Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
More results

Similar Description - S-5813A-I4T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com