Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8233C Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8233C
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8233C Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8233C Datasheet HTML 1Page - Seiko Instruments Inc S-8233C Datasheet HTML 2Page - Seiko Instruments Inc S-8233C Datasheet HTML 3Page - Seiko Instruments Inc S-8233C Datasheet HTML 4Page - Seiko Instruments Inc S-8233C Datasheet HTML 5Page - Seiko Instruments Inc S-8233C Datasheet HTML 6Page - Seiko Instruments Inc S-8233C Datasheet HTML 7Page - Seiko Instruments Inc S-8233C Datasheet HTML 8Page - Seiko Instruments Inc S-8233C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C Series
Rev.4.1_00
Seiko Instruments Inc.
4
Pin Configurations
Table2
Pin No.
Symbol
Description
1
DOP
Connects FET gate for discharge control (CMOS output)
2
NC
Non connect
*1
3
COP
Connects FET gate for charge control (Nch open-drain output)
4
VMP
Detects voltage between VCC to VMP(Over current detection pin)
5
COVT
Connects capacitor for over current detection 1 delay circuit
6
CDT
Connects capacitor for over discharge detection delay circuit
7
CCT
Connects capacitor for over charge detection delay circuit
8
VSS
Negative power input, and connects negative voltage for battery 3
9
CTL
Charge/discharge control signal input
10
DSO
Over discharge condition signal output
11
VC2
Connects battery 2 negative voltage and battery 3 positive voltage
12
ISO
Over current condition signal output
13
VC1
Connects battery 1 negative voltage and battery 2 positive voltage
14
CSO
Over voltage condition signal output
15
NC
Non connect
*1
16
VCC
Positive power input and connects battery 1 positive voltage
*1. The NC pin is electrically open. The NC pin can be connected to VCC or VSS
.
16-Pin TSSOP
Top View
COVT
8
7
6
5
3
2
4
1
11
16
9
10
12
14
15
13
DOP
NC
COP
VMP
CDT
CCT
VSS
VCC
NC
CSO
VC1
ISO
VC2
DSO
CTL
Figure 2


Similar Part No. - S-8233C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233CAFT-TB-G SII-S-8233CAFT-TB-G Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
More results

Similar Description - S-8233C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8245B ABLIC-S-8245B Datasheet
935Kb / 43P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com