Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8242B Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8242B
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8242B Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8242B Datasheet HTML 1Page - Seiko Instruments Inc S-8242B Datasheet HTML 2Page - Seiko Instruments Inc S-8242B Datasheet HTML 3Page - Seiko Instruments Inc S-8242B Datasheet HTML 4Page - Seiko Instruments Inc S-8242B Datasheet HTML 5Page - Seiko Instruments Inc S-8242B Datasheet HTML 6Page - Seiko Instruments Inc S-8242B Datasheet HTML 7Page - Seiko Instruments Inc S-8242B Datasheet HTML 8Page - Seiko Instruments Inc S-8242B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.4_00
S-8242B Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 5
(Ta
=25°C unless otherwise specified)
Item
Symbol
Applied pin
Absolute Maximum Ratings
Unit
Input voltage between VDD and VSS
VDS
VDD
VSS
−0.3 to VSS+12
V
VC input pin voltage
VVC
VC
VSS
−0.3 to VDD+0.3
V
VM pin input voltage
VVM
VM
VDD
−28 to VDD+0.3
V
DO pin output voltage
VDO
DO
VSS
−0.3 to VDD+0.3
V
CO pin output voltage
VCO
CO
VVM
−0.3 to VDD+0.3
V
SNT-8A
450
*1
mW
Power dissipation
8-Pin TSSOP
PD
700
*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size: 114.3 mm × 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
400
0
Ambient Temperature (Ta) [
°C]
8-Pin TSSOP
200
600
SNT-8A
Figure 4 Power Dissipation of Package (When mounted on board)


Similar Part No. - S-8242B

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Seiko Instruments Inc
S-8240AAB-I6T1U SII-S-8240AAB-I6T1U Datasheet
3Mb / 45P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8240AAB-I6T1U ABLIC-S-8240AAB-I6T1U Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8240AAC-A6T2U ABLIC-S-8240AAC-A6T2U Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Seiko Instruments Inc
S-8240AAC-I6T1U SII-S-8240AAC-I6T1U Datasheet
3Mb / 45P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results

Similar Description - S-8242B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8252 SII-S8252 Datasheet
554Kb / 35P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8232 SII-S-8232 Datasheet
679Kb / 27P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com