Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8211DAB-I6T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8211DAB-I6T1G
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8211DAB-I6T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8211DAB-I6T1G Datasheet HTML 1Page - Seiko Instruments Inc S-8211DAB-I6T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8211DAB-I6T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8211DAB-I6T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8211DAB-I6T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8211DAB-I6T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8211DAB-I6T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8211DAB-I6T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8211DAB-I6T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev.4.5_00
BATTERY PROTECTION IC
FOR 1-CELL PACK
S-8211D Series
Seiko Instruments Inc.
1
The S-8211D Series are protection ICs for single-cell lithium-ion
/ lithium-polymer rechargeable batteries and include high-
accuracy voltage detectors and delay circuits.
These ICs are suitable for protecting single-cell rechargeable
lithium-ion / lithium-polymer battery packs from overcharge,
overdischarge, and overcurrent.
Features
(1) High-accuracy voltage detection circuit
• Overcharge detection voltage
3.9 to 4.4 V (5 mV steps)
Accuracy
±25 mV (+25 °C)
Accuracy
±30 mV (−5 to +55 °C)
• Overcharge release voltage
3.8 to 4.4 V
*1
Accuracy
±50 mV
• Overdischarge detection voltage
2.0 to 3.0 V (10 mV steps)
Accuracy
±50 mV
• Overdischarge release voltage
2.0 to 3.4 V
*2
Accuracy
±100 mV
• Discharge overcurrent detection voltage
0.05 to 0.30 V (10 mV steps)
Accuracy
±15 mV
• Load short-circuiting detection voltage
0.5 V (fixed)
Accuracy
±200 mV
(2) Detection delay times are generated by an internal circuit (external capacitors are unnecessary).
Accuracy
±20%
(3) High-withstanding-voltage device is used for charger connection pins (VM pin and CO pin : Absolute maximum
rating = 28 V)
(4) 0 V battery charge function available / unavailable are selectable.
(5) Shutdown function yes / no are selectable.
(6) Wide operating temperature range
−40 to +85 °C
(7) Low current consumption
• Operation mode
3.0
µA typ., 5.5 µA max. (+25 °C)
• Power-down mode
0.2
µA max. (+25 °C)
(8) Small package:
SOT-23-5, SNT-6A
(9) Lead-free product
*1. Overcharge release voltage = Overcharge detection voltage
− Overcharge hysteresis voltage
(Overcharge hysteresis voltage can be selected as 0 V or from a range of 0.1 to 0.4 V in 50 mV steps.)
*2. Overdischarge release voltage = Overdischarge detection voltage
+ Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage can be selected as 0 V or from a range of 0.1 to 0.7 V in 100 mV steps.)
Applications
• Lithium-ion rechargeable battery packs
• Lithium-polymer rechargeable battery packs
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SOT-23-5
MP005-A
MP005-A
MP005-A
SNT-6A
PG006-A
PG006-A
PG006-A
PG006-A


Similar Part No. - S-8211DAB-I6T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8211DAA-M5T1G SII-S-8211DAA-M5T1G Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211DAA-M5T1S SII-S-8211DAA-M5T1S Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211DAA-M5T1U SII-S-8211DAA-M5T1U Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
logo
ABLIC Inc.
S-8211DAD-I6T1U ABLIC-S-8211DAD-I6T1U Datasheet
524Kb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.6.5_03
logo
Seiko Instruments Inc
S-8211DAD-M5T1G SII-S-8211DAD-M5T1G Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
More results

Similar Description - S-8211DAB-I6T1G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com