Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8253A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8253A
Description  BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8253A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8253A Datasheet HTML 1Page - Seiko Instruments Inc S-8253A Datasheet HTML 2Page - Seiko Instruments Inc S-8253A Datasheet HTML 3Page - Seiko Instruments Inc S-8253A Datasheet HTML 4Page - Seiko Instruments Inc S-8253A Datasheet HTML 5Page - Seiko Instruments Inc S-8253A Datasheet HTML 6Page - Seiko Instruments Inc S-8253A Datasheet HTML 7Page - Seiko Instruments Inc S-8253A Datasheet HTML 8Page - Seiko Instruments Inc S-8253A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Rev.3.7_00
BATTERY PROTECTION IC
FOR 2-SERIAL OR 3-SERIAL-CELL PACK
S-8253A/B Series
Seiko Instruments Inc.
1
The S-8253A/B Series are protection ICs for 2-serial or 3-serial
cell lithium-ion rechargeable batteries and include high-accuracy
voltage detectors and delay circuits.
These ICs are suitable for protecting lithium-ion battery packs
from overcharge, overdischarge and overcurrent.
Features
(1)
High-accuracy voltage detection for each cell
• Overcharge detection voltage n (n = 1 to 3)
3.9 V to 4.4 V (50 mV steps)
Accuracy
±25 mV
• Overcharge release voltage n (n = 1 to 3)
3.8 V to 4.4 V
*1
Accuracy
±50 mV
• Overdischarge detection voltage n (n = 1 to 3)
2.0 V to 3.0 V (100 mV steps)
Accuracy
±80 mV
• Overdischarge release voltage n (n = 1 to 3)
2.0 V to 3.4 V
*2
Accuracy
±100 mV
(2)
Three-level overcurrent detection (Including load short circuiting detection)
• Overcurrent detection voltage 1
0.05 V to 0.30 V (50 mV steps) Accuracy
±25 mV
• Overcurrent detection voltage 2
0.5 V (Fixed)
• Overcurrent detection voltage 3
1.2 V (Fixed)
(3)
Delay times (Overcharge, Overdischarge, Overcurrent) are generated by an internal circuit. (External capacitors are
unnecessary).
(4)
Charge / discharge operation can be inhibited via the control pin.
(5)
0 V battery charge function available / unavailable are selectable.
(6)
High-voltage withstand devices
Absolute maximum rating 26 V
(7)
Wide operating voltage range
2 to 24 V
(8)
Wide operating temperature range
−40 to +85 °C
(9)
Low current consumption
• Operation mode
28
µA max. (+25 °C)
• Power-down mode
0.1
µA max. (+25 °C)
(10) Lead-free products
*1. Overcharge release voltage
= Overcharge detection voltage − Overcharge hysteresis voltage
(Overcharge hysteresis voltage n (n
= 1 to 3) can be selected as 0 V or from a range of 0.1 to 0.4 V in
50 mV steps.)
*2. Overdischarge release voltage
= Overdischarge detection voltage + Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage n (n
= 1 to 3) can be selected as 0 V or from a range of 0.2 to 0.7 V in
100 mV steps.)
Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs
Package
Drawing Code
Package Name
Package
Tape
Reel
8-Pin TSSOP
FT008-A
FT008-E
FT008-E


Similar Part No. - S-8253A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAA-T8T1GZ ABLIC-S-8253CAA-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAC-T8T1Y ABLIC-S-8253CAC-T8T1Y Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAD-T8T1GZ ABLIC-S-8253CAD-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAH-T8T1GZ ABLIC-S-8253CAH-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
More results

Similar Description - S-8253A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com