Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8242BAH-I8T1G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8242BAH-I8T1G
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8242BAH-I8T1G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8242BAH-I8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-8242BAH-I8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8242BAH-I8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8242BAH-I8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8242BAH-I8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8242BAH-I8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8242BAH-I8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8242BAH-I8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8242BAH-I8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8242B Series
Rev.1.4_00
Seiko Instruments Inc.
4
Pin Configurations
Table 3
Pin No.
Symbol
Description
1
CO
Connection of charge control FET gate
(CMOS output)
2
DO
Connection of discharge control FET gate
(CMOS output)
3
NC
*1
No connection
4
VSS
Connection for negative power supply input
and negative voltage of battery 2
5
VC
Connection for negative voltage of battery 1
and positive voltage of battery 2
6
VDD
Connection for positive power supply input
and positive voltage of battery 1
7
NC
*1
No connection
1
2
3
4
SNT-8A
Top view
8
7
6
5
Figure 2
8
VM
Voltage detection between VM and VSS
(overcurrent/charger detection pin)
*1. The NC pin is electrically open.
The NC pin can be connected to VDD or VSS.
Remark For the external views, refer to the package drawings.
Table 4
Pin No.
Symbol
Description
1
CO
Connection of charge control FET gate
(CMOS output)
2
DO
Connection of discharge control FET gate
(CMOS output)
3
NC
*1
No connection
4
VSS
Connection for negative power supply input
and negative voltage of battery 2
5
VC
Connection for negative voltage of battery 1
and positive voltage of battery 2
6
VDD
Connection for positive power supply input
and positive voltage of battery 1
7
NC
*1
No connection
8
VM
Voltage detection between VM and VSS
(overcurrent/charger detection pin)
8-Pin TSSOP
Top view
1
2
3
4
8
7
6
5
Figure 3
*1. The NC pin is electrically open.
The NC pin can be connected to VDD or VSS.
Remark For the external views, refer to the package drawings.


Similar Part No. - S-8242BAH-I8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Seiko Instruments Inc
S-8240AAB-I6T1U SII-S-8240AAB-I6T1U Datasheet
3Mb / 45P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8240AAB-I6T1U ABLIC-S-8240AAB-I6T1U Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8240AAC-A6T2U ABLIC-S-8240AAC-A6T2U Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Seiko Instruments Inc
S-8240AAC-I6T1U SII-S-8240AAC-I6T1U Datasheet
3Mb / 45P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results

Similar Description - S-8242BAH-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8252 SII-S8252 Datasheet
554Kb / 35P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8232 SII-S-8232 Datasheet
679Kb / 27P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com