Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-817B38AMC-CXBT2G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-817B38AMC-CXBT2G
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B38AMC-CXBT2G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-817B38AMC-CXBT2G Datasheet HTML 1Page - Seiko Instruments Inc S-817B38AMC-CXBT2G Datasheet HTML 2Page - Seiko Instruments Inc S-817B38AMC-CXBT2G Datasheet HTML 3Page - Seiko Instruments Inc S-817B38AMC-CXBT2G Datasheet HTML 4Page - Seiko Instruments Inc S-817B38AMC-CXBT2G Datasheet HTML 5Page - Seiko Instruments Inc S-817B38AMC-CXBT2G Datasheet HTML 6Page - Seiko Instruments Inc S-817B38AMC-CXBT2G Datasheet HTML 7Page - Seiko Instruments Inc S-817B38AMC-CXBT2G Datasheet HTML 8Page - Seiko Instruments Inc S-817B38AMC-CXBT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.4.2_00
S-817 Series
Seiko Instruments Inc.
3
Product Name Structure
• The product types and output voltage for the S-817 Series can be selected at the user’s request. Refer
to the “Product name” for the meanings of the characters in the product name and “Product name list” for
the full product names.
1. Product name
1. 1 S-817A series
S-817 A xx A xx - xxx xx G
IC direction in tape specifications
*1
TF : SNT-4A
T2 : SC-82AB, SOT-23-5
Product name (abbreviation)
Package name (abbreviation)
*2
PF : SNT-4A
NB : SC-82AB
MC : SOT-23-5
Output voltage
11 to 60
(e.g. When the output voltage is
1.5 V, it is expressed 15)
Short circuit protection
A :
Yes
*1. Refer to the specifications at the end of this book.
*2. Refer to the “2. Product name list”.


Similar Part No. - S-817B38AMC-CXBT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-817B38AMC-CXBT2X ABLIC-S-817B38AMC-CXBT2X Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
More results

Similar Description - S-817B38AMC-CXBT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com