Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8253AAB-T8T1GZ Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8253AAB-T8T1GZ
Description  BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8253AAB-T8T1GZ Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8253AAB-T8T1GZ Datasheet HTML 1Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 2Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 3Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 4Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 5Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 6Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 7Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 8Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
S-8253A/B Series
Rev.3.7_00
Seiko Instruments Inc.
4
Product Name Structure
1. Product Name
S-8253
x
xx
-
T8T1
GZ
Indicates package type and packing specification of IC
*1
T8T1 : 8-Pin TSSOP, Tape
Serial code
*2
Sequentially set from AA to ZZ
Product series name
A : 2-cell
B : 3-cell
*1. Refer to the taping specifications at the end of this book.
*2. Refer to the “2. Product Name List”.
2. Product Name List
Table 1 S-8253A Series (For 2-Serial Cell)
Model No.
Overcharge
detection voltage
VCU
Overcharge
release voltage
VCL
Overdischarge
detection voltage
VDL
Overdischarge
release voltage
VDU
Overcurrent
detection voltage
VIOV1
0 V battery
charge function
S-8253AAA-T8T1GZ
4.350
±0.025 V
4.050
±0.050 V
2.40
±0.080 V
2.70
±0.100 V
0.300
±0.025 V
Available
S-8253AAB-T8T1GZ
4.350
±0.025 V
4.050
±0.050 V
2.70
±0.080 V
2.70
±0.080 V
0.300
±0.025 V
Available
S-8253AAC-T8T1GZ
4.350
±0.025 V
4.050
±0.050 V
2.40
±0.080 V
2.70
±0.100 V
0.080
±0.025 V
Available
S-8253AAD-T8T1GZ
4.250
±0.025 V
4.050
±0.050 V
2.40
±0.080 V
2.70
±0.100 V
0.120
±0.025 V
Available
S-8253AAE-T8T1GZ
4.350
±0.025 V
4.050
±0.050 V
2.80
±0.080 V
3.00
±0.100 V
0.300
±0.025 V
Available
S-8253AAF-T8T1GZ
4.350
±0.025 V
4.050
±0.050 V
2.40
±0.080 V
2.60
±0.100 V
0.300
±0.025 V
Unavailable
S-8253AAG-T8T1GZ
4.280
±0.025 V
4.080
±0.050 V
2.40
±0.080 V
2.70
±0.100 V
0.150
±0.025 V
Unavailable
S-8253AAH-T8T1GZ
4.350
±0.025 V
4.150
±0.050 V
2.30
±0.080 V
2.30
±0.080 V
0.090
±0.025 V
Available
Remark Please contact the SII marketing department for the products with the detection voltage value other than those
specified above.
Table 2 S-8253B Series (For 3-Serial Cell)
Model No.
Overcharge
detection voltage
VCU
Overcharge
release voltage
VCL
Overdischarge
detection voltage
VDL
Overdischarge
release voltage
VDU
Overcurrent
detection voltage
VIOV1
0 V battery
charge function
S-8253BAA-T8T1GZ
4.350
±0.025 V
4.050
±0.050 V
2.40
±0.080 V
2.70
±0.100 V
0.300
±0.025 V
Available
S-8253BAB-T8T1GZ
4.325
±0.025 V
4.075
±0.050 V
2.20
±0.080 V
2.90
±0.100 V
0.200
±0.025 V
Unavailable
S-8253BAC-T8T1GZ
4.350
±0.025 V
4.050
±0.050 V
2.40
±0.080 V
2.70
±0.100 V
0.080
±0.025 V
Available
S-8253BAD-T8T1GZ
4.250
±0.025 V
4.050
±0.050 V
2.40
±0.080 V
2.70
±0.100 V
0.120
±0.025 V
Available
S-8253BAE-T8T1GZ
4.350
±0.025 V
4.150
±0.050 V
2.20
±0.080 V
2.40
±0.100 V
0.100
±0.025 V
Available
S-8253BAF-T8T1GZ
4.280
±0.025 V
4.180
±0.050 V
2.20
±0.080 V
2.50
±0.100 V
0.190
±0.025 V
Unavailable
S-8253BAG-T8T1GZ
4.280
±0.025 V
4.180
±0.050 V
2.20
±0.080 V
2.50
±0.100 V
0.125
±0.025 V
Unavailable
S-8253BAH-T8T1GZ
4.350
±0.025 V
4.150
±0.050 V
2.20
±0.080 V
2.40
±0.100 V
0.250
±0.025 V
Available
S-8253BAI-T8T1GZ
4.350
±0.025 V
4.150
±0.050 V
2.20
±0.080 V
2.40
±0.100 V
0.160
±0.025 V
Available
Remark Please contact the SII marketing department for the products with the detection voltage value other than those
specified above.


Similar Part No. - S-8253AAB-T8T1GZ

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAA-T8T1GZ ABLIC-S-8253CAA-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAC-T8T1Y ABLIC-S-8253CAC-T8T1Y Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAD-T8T1GZ ABLIC-S-8253CAD-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAH-T8T1GZ ABLIC-S-8253CAH-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
More results

Similar Description - S-8253AAB-T8T1GZ

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com