Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1200B26-M5T1G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1200B26-M5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1200B26-M5T1G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1200B26-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1200B26-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1200B26-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1200B26-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1200B26-M5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1200B26-M5T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1200B26-M5T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1200B26-M5T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1200B26-M5T1G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1200 Series
Seiko Instruments Inc.
11
Explanation of Terms
1. Low dropout voltage regulator
The low dropout voltage regulator is a voltage regulator whose dropout voltage is low due to its built-in
low on-resistance transistor.
2. Low ESR
A capacitor whose ESR (Equivalent Series Resistance) is low. The S-1200 Series enables use of a low
ESR capacitor, such as a ceramic capacitor, for the output-side capacitor CL. A capacitor whose ESR is
1.0
Ω or less can be used.
3. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±1.0% under the specified conditions of fixed input
voltage
*1, fixed output current, and fixed temperature.
*1. Differs depending on the product.
Caution If the above conditions change, the output voltage value may vary and exceed the
accuracy range of the output voltage. Please see the electrical characteristics and
attached characteristics data for details.
4. Line regulation


OUT
IN
OUT1
V
∆V
∆V
Indicates the dependency of the output voltage on the input voltage. That is, the values show how much
the output voltage changes due to a change in the input voltage with the output current remaining
unchanged.
5. Load regulation (
∆VOUT2)
Indicates the dependency of the output voltage on the output current. That is, the values show how
much the output voltage changes due to a change in the output current with the input voltage remaining
unchanged.
6. Dropout voltage (Vdrop)
Indicates the difference between the input voltage VIN1, which is the input voltage (VIN) at the point where
the output voltage has fallen to 98% of the output voltage value VOUT3 after VIN was gradually decreased
from VIN
= VOUT(S) + 1.0 V, and the output voltage at that point (VOUT3 × 0.98).
Vdrop
= VIN1 − (VOUT3 × 0.98)


Similar Part No. - S-1200B26-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1200B26-M5T1G SII-S-1200B26-M5T1G Datasheet
1Mb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1200B26-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1200 ABLIC-S-1200 Datasheet
629Kb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S1200 SII-S1200 Datasheet
1Mb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com