Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8253AAD-T8T1GZ Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8253AAD-T8T1GZ
Description  BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8253AAD-T8T1GZ Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8253AAD-T8T1GZ Datasheet HTML 6Page - Seiko Instruments Inc S-8253AAD-T8T1GZ Datasheet HTML 7Page - Seiko Instruments Inc S-8253AAD-T8T1GZ Datasheet HTML 8Page - Seiko Instruments Inc S-8253AAD-T8T1GZ Datasheet HTML 9Page - Seiko Instruments Inc S-8253AAD-T8T1GZ Datasheet HTML 10Page - Seiko Instruments Inc S-8253AAD-T8T1GZ Datasheet HTML 11Page - Seiko Instruments Inc S-8253AAD-T8T1GZ Datasheet HTML 12Page - Seiko Instruments Inc S-8253AAD-T8T1GZ Datasheet HTML 13Page - Seiko Instruments Inc S-8253AAD-T8T1GZ Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
S-8253A/B Series
Rev.3.7_00
Seiko Instruments Inc.
10
Test Circuits
1. Overcharge Detection Voltage 1, Overcharge Release Voltage 1, Overdischarge Detection Voltage 1,
Overdischarge Release Voltage 1
(Test Condition 1, Test Circuit 1)
Confirm that V1
= V2 = 3.5 V (S-8253A Series), V1 = V2 = V3 = 3.5 V (S-8253B Series), V4 = 0 V, V5 = 0 V, and the COP
and DOP pins are “L” (VDD
× 0.1 V or lower) (this status is referred to as the initial status).
1. 1 Overcharge Detection Voltage 1 (VCU1), Overcharge Release Voltage 1 (VCL1)
Overcharge detection voltage 1 (VCU1) is the voltage of V1 when the voltage of the COP pin is “H” (VDD
× 0.9 V or
more) after the V1 voltage has been gradually increased starting at the initial status. Overcharge release voltage 1
(VCL1) is the voltage of V1 when the voltage at the COP pin is low after the V1 voltage has been gradually decreased.
1. 2 Overdischarge Detection Voltage 1 (VDL1), Overdischarge Release Voltage 1 (VDU1)
Overdischarge detection voltage 1 (VDL1) is the voltage of V1 when the voltage of the DOP pin is high after the V1
voltage has been gradually decreased starting at the initial status. Overdischarge release voltage 1 (VDU1) is the
voltage of V1 when the voltage at the DOP pin is low after the V1 voltage has been gradually increased.
By changing Vn (n
= 2: S-8253A Series, n = 2, 3: S-8253B Series) the overcharge detection voltage (VCUn), overcharge
release voltage (VCLn), overdischarge detection voltage (VDLn), and overdischarge release voltage (VDun) can be
measured in the same way as when n
= 1.
2. Overcurrent Detection Voltage 1, Overcurrent Detection Voltage 2, Overcurrent Detection Voltage 3
(Test Condition 2, Test Circuit 1)
Confirm that V1
= V2 = 3.5 V (S-8253A Series), V1 = V2 = V3 = 3.5 V (S-8253B Series), V4 = 0 V, V5 = 0 V, and the COP
pin and DOP pin are low (this status is referred to as the initial status).
2. 1 Overcurrent Detection Voltage 1 (VIOV1)
Overcurrent detection voltage 1 (VIOV1) is the voltage of V5 when the voltages of the COP pin and DOP pin are high
after the V5 voltage has been gradually increased starting at the initial status.
2. 2 Overcurrent Detection Voltage 2 (VIOV2)
Overcurrent detection voltage 2 (VIOV2) is the voltage of V5 when the voltages of the COP pin and DOP pin are high
within the minimum and maximum values of overcurrent detection time 2 (tIOV2) after the voltage of V5 was
instantaneously increased (within 10
µs) starting at the initial status.
2. 3 Overcurrent Detection Voltage 3 (VIOV3)
Overcurrent detection voltage 3 (VIOV3) is the voltage of V5 when the voltages of the COP pin and DOP pin are high
within the minimum and maximum values of overcurrent detection time 3 (tIOV3) after the voltage of V5 was
instantaneously increased (within 10
µs) starting at the initial status.


Similar Part No. - S-8253AAD-T8T1GZ

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAA-T8T1GZ ABLIC-S-8253CAA-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAC-T8T1Y ABLIC-S-8253CAC-T8T1Y Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAD-T8T1GZ ABLIC-S-8253CAD-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAH-T8T1GZ ABLIC-S-8253CAH-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
More results

Similar Description - S-8253AAD-T8T1GZ

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com