Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1167B27-I6T2G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-1167B27-I6T2G
Description  ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1167B27-I6T2G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-1167B27-I6T2G Datasheet HTML 4Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 10Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 11Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 Series
Rev.2.3_00
Seiko Instruments Inc.
8
Electrical Characteristics
Table 6
(Ta = 25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V, IOUT = 30mA
VOUT(S)
× 0.99
VOUT(S) VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
150
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 100 mA
1.5 V
≤ VOUT(S) ≤ 1.9 V
0.5
0.54
0.58
V
1
2.0 V
≤ VOUT(S) ≤ 2.4 V
0.23
0.35
V
1
2.5 V
≤ VOUT(S) ≤ 2.9 V
0.20
0.30
V
1
3.0 V
≤ VOUT(S) ≤ 3.2 V
0.15
0.23
V
1
3.3 V
≤ VOUT(S) ≤ 5.5 V
0.14
0.21
V
1
Line regulation
OUT
IN
1
OUT
V
V
V
VOUT(S)
+ 0.5 V ≤ VIN ≤ 6.5 V, IOUT = 30 mA
0.05
0.2
% / V
1
Load regulation
∆VOUT2
VIN = VOUT(S)
+ 1.0 V, 10 µA ≤ IOUT ≤ 100 mA
20
40
mV
1
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
V
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA,
−40 ≤ Ta ≤ 85 °C
±100
ppm /
°C1
Current consumption
during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = ON,
No load
9
16
µA
2
Current consumption
during shutdown
ISS2
VIN=VOUT(S)
+ 1.0 V, ON / OFF pin = OFF,
No load
0.1
0.9
µA
2
Input voltage
VIN
2.0
6.5
V
ON / OFF pin
input voltage “H”
VSH
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
1.5
V
4
ON / OFF pin
input voltage “L”
VSL
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
0.3
V
4
ON / OFF pin
input current “H”
ISH
VIN = 6.5 V, VON / OFF = 6.5 V
−0.1
0.1
µA
4
ON / OFF pin
input current “L”
ISL
VIN = 6.5 V, VON / OFF = 0 V
−0.1
0.1
µA
4
1.5 V
≤ VOUT(S) ≤ 3.0 V
70
dB
5
Ripple rejection
RR
VIN = VOUT(S)
+ 1.0 V,
f = 1.0 kHz,
∆Vrip = 0.5 Vrms,
IOUT = 30 mA
3.1 V
≤ VOUT(S) ≤ 5.5 V
65
dB
5
Short-circuit current
ISHORT
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = ON,
VOUT = 0 V
300
mA
3
*1.
VOUT(S) : Specified output voltage
VOUT(E) : Actual output voltage at the fixed load
The output voltage when fixing IOUT( = 30 mA) and inputting VOUT(S)
+ 1.0 V
*2.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop = VIN1
− (VOUT3
× 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4.
The change in temperature [mV / °C] is calculated using the following equation.
[]
[ ]
[] 1000
C
/
ppm
V
∆Ta
∆V
V
V
C
/
mV
∆Ta
∆V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
*3
*2
*1
*1.
The temperature change ratio of the output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient
*5.
The output current can be supplied at least to this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-1167B27-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1167B27-I6T2U ABLIC-S-1167B27-I6T2U Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1167B27-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1312 SII-S1312 Datasheet
2Mb / 47P
   LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1312XXXH SII-S1312XXXH Datasheet
2Mb / 38P
   OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com