Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB3D5N40SA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB3D5N40SA
Description  N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB3D5N40SA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB3D5N40SA Datasheet HTML 1Page - KEC(Korea Electronics) KMB3D5N40SA Datasheet HTML 2Page - KEC(Korea Electronics) KMB3D5N40SA Datasheet HTML 3Page - KEC(Korea Electronics) KMB3D5N40SA Datasheet HTML 4Page - KEC(Korea Electronics) KMB3D5N40SA Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2008. 2. 19
2/5
KMB3D5N40SA
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
IDS=250 A, VGS=0V,
40
-
-
V
Drain Cut-off Current
IDSS
VGS=0V, VDS=32V
-
-
0.5
A
VGS=0V, VDS=32V, Tj=55
-
-
10
Gate Leakage Current
IGSS
VGS= 20V, VDS=0V
-
-
100
nA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250 A
1.0
-
3.0
V
Drain-Source ON Resistance
RDS(ON)*
VGS=10V, ID=3.5A
-
36
45
m
VGS=4.5V, ID=3.0A
-
56
62
On-State Drain Current
ID(ON)*
VGS=10V, VDS 4.5V
6
-
-
A
Forward Transconductance
gfs*
VDS=10V, ID=3.5A
-
10
-
S
Dynamic
Input Capaclitance
Ciss
VDS=20V, f=1MHz, VGS=0V
-
315
-
pF
Ouput Capacitance
Coss
-
69
-
Reverse Transfer Capacitance
Crss
-
39
-
Total Gate Charge
Qg*
VDS=20V, VGS=0V, ID=3.5A
-
6.4
10
nC
Gate-Source Charge
Qgs*
-
0.7
-
Gate-Drain Charge
Qgd*
-
2.1
-
Turn-On Delat Time
td(on)*
VDD=20V, VGS=10V
ID=1A, RG=6
-
5
10
ns
Turn-On Rise Time
tr*
-
12
20
Turn-On Deley Time
td(off)*
-
20
30
Turn-On Fall Time
tf*
-
15
25
Source-Drain Diode Ratings
Source-Drain Forward Voltage
VSDF*
VGS=0V, IS=1A
-
0.8
1.2
V
Note > *Pulse Test : Pulse width <300
, Duty cycle < 2%


Similar Part No. - KMB3D5N40SA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB3D5N40SA KEC-KMB3D5N40SA_15 Datasheet
825Kb / 5P
   N-Ch Trench MOSFET
More results

Similar Description - KMB3D5N40SA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com