Electronic Components Datasheet Search
Selected language     English  ▼


S-1000C31-M5T1G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part No. S-1000C31-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

 
 3 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.2.3_00
S-1000 Series
Seiko Instruments Inc.
3
Product Name Structure
The detection voltage, output form and packages for S-1000 series can be selected at the user's request. Refer to the "1.
Product name" for the construction of the product name and "2. Product name list" for the full product names.
1. Product name
S-1000 x xx - xxxx G
Package name (abbreviation) and packing specifications
*1
N4T1: SC-82AB, tape
M5T1: SOT-23-5, tape
I4T1: SNT-4A, tape
Detection voltage value
15 ~ 46
(e.g. When the detection voltage is 1.5 V, it is expressed as 15.)
Output form
N: Nch open-drain output (Active “L”)
C: CMOS output (Active “L”)
*1.
Refer to the taping specifications at the end of this book.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S-801ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT INTERNAL DELAY TIME SETTING 1 2 3 4 5 MoreSeiko Instruments Inc
S-808XXCSUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR 1 2 3 4 5 MoreSeiko Instruments Inc
SDP8314-301SDP Series Optoschmitt Detector Side-looking Plastic Package 1 2 3 4 Honeywell Solid State Electronics Center
TS61Voltage Detector 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
1PMT5.0AT1_05Zener Transient Voltage Suppressor POWERMITE Package 1 2 3 4 5 MoreON Semiconductor
PQ015YZ5MZLow Voltage Operation Low Power-Loss Voltage Regulators SC-63 Package 1 2 3 4 5 MoreSharp Electrionic Components
S-817_1SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR 1 2 3 4 5 MoreSeiko Instruments Inc
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
ICL7665S_06CMOS Micropower Over/Under Voltage Detector 1 2 3 4 5 MoreIntersil Corporation
XC6101_1Voltage Detector VDF=1.6V~5.0V 1 2 3 4 5 MoreTorex Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl