Selected language     English  ā–¼


S-1000C31-M5T1G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part No. S-1000C31-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

 7 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.2.3_00
S-1000 Series
Seiko Instruments Inc.
7
Pin Configurations
Table 5
Pin No.
Pin name
Pin description
1
OUT
Voltage detection output pin
2
VDD
Voltage input pin
3
NC
*1
No connection
4
VSS
GND pin
4
3
1
2
SC-82AB
Top view
*1.
The NC pin is electrically open.
The NC pin can be connected to VDD or VSS.
Figure 4
Table 6
Pin No.
Pin name
Pin description
1
OUT
Voltage detection output pin
2
VDD
Voltage input pin
3
VSS
GND pin
4
NC
*1
No connection
5
NC
*1
No connection
SOT-23-5
Top view
5
4
3
2
1
*1.
The NC pin is electrically open.
The NC pin can be connected to VDD or VSS.
Figure 5
Table 7
Pin No.
Pin name
Pin description
1
OUT
Voltage detection output pin
2
VSS
GND pin
3
NC
*1
No connection
4
VDD
Voltage input pin
SNT-4A
Top view
1
4
2
3
*1.
The NC pin is electrically open.
The NC pin can be connected to VDD or VSS.
Figure 6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S-801ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT INTERNAL DELAY TIME SETTING 1 2 3 4 5 MoreSeiko Instruments Inc
S-808XXCSUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR 1 2 3 4 5 MoreSeiko Instruments Inc
SDP8314-301SDP Series Optoschmitt Detector Side-looking Plastic Package 1 2 3 4 Honeywell Solid State Electronics Center
TS61Voltage Detector 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
1PMT5.0AT1_05Zener Transient Voltage Suppressor POWERMITE Package 1 2 3 4 5 MoreON Semiconductor
PQ015YZ5MZLow Voltage Operation Low Power-Loss Voltage Regulators SC-63 Package 1 2 3 4 5 MoreSharp Electrionic Components
S-817_1SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR 1 2 3 4 5 MoreSeiko Instruments Inc
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
ICL7665S_06CMOS Micropower Over/Under Voltage Detector 1 2 3 4 5 MoreIntersil Corporation
XC6101_1Voltage Detector VDF=1.6V~5.0V 1 2 3 4 5 MoreTorex Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl