Selected language     English  ▼


S-1000C31-M5T1G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part No. S-1000C31-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

 8 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 Series
Rev.2.3_00
8
Seiko Instruments Inc.
Absolute Maximum Ratings
Table 8
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Absolute maximum ratings
Unit
Power supply voltage
VDD
− VSS
6
V
Nch open-drain output products
VSS
− 0.3 to VSS + 6
V
Output voltage
CMOS output products
VOUT
VSS
− 0.3 to VDD + 0.3
V
Output current
IOUT
50
mA
200 (When not mounted on board)
mW
SC-82AB
350
*1
mW
300 (When not mounted on board)
mW
SOT-23-5
600
*1
mW
Power dissipation
SNT-4A
PD
300
*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1.
When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
600
400
0
Ambient Temperature (Ta) [
°C]
200
100
300
500
700
SC-82AB
SNT-4A
SOT-23-5
Figure 7 Power Dissipation of Package (When Mounted on Board)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S-801ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT INTERNAL DELAY TIME SETTING 1 2 3 4 5 MoreSeiko Instruments Inc
S-808XXCSUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR 1 2 3 4 5 MoreSeiko Instruments Inc
SDP8314-301SDP Series Optoschmitt Detector Side-looking Plastic Package 1 2 3 4 Honeywell Solid State Electronics Center
TS61Voltage Detector 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
1PMT5.0AT1_05Zener Transient Voltage Suppressor POWERMITE Package 1 2 3 4 5 MoreON Semiconductor
PQ015YZ5MZLow Voltage Operation Low Power-Loss Voltage Regulators SC-63 Package 1 2 3 4 5 MoreSharp Electrionic Components
S-817_1SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR 1 2 3 4 5 MoreSeiko Instruments Inc
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
ICL7665S_06CMOS Micropower Over/Under Voltage Detector 1 2 3 4 5 MoreIntersil Corporation
XC6101_1Voltage Detector VDF=1.6V~5.0V 1 2 3 4 5 MoreTorex Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl