Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8540 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8540 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8540 Datasheet HTML 5Page - Seiko Instruments Inc S-8540 Datasheet HTML 6Page - Seiko Instruments Inc S-8540 Datasheet HTML 7Page - Seiko Instruments Inc S-8540 Datasheet HTML 8Page - Seiko Instruments Inc S-8540 Datasheet HTML 9Page - Seiko Instruments Inc S-8540 Datasheet HTML 10Page - Seiko Instruments Inc S-8540 Datasheet HTML 11Page - Seiko Instruments Inc S-8540 Datasheet HTML 12Page - Seiko Instruments Inc S-8540 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.3.2_00
S-8540/8541 Series
Seiko Instruments Inc.
9
Measurement Circuits
1.
VSS
ON/OFF
EXT
SENSE
VOUT
VIN
CVREF
A
A
A
A
A
A
CVL
CIN
Figure 5
2.
L
SD
PSW
Cb
Rb
VIN
CIN
CVREF
RSENSE
CSS
COUT
RSS
VON/OFF
+
+
VSS
ON/OFF
EXT
SENSE
VOUT
VIN
CVL
Figure 6
3.
A
A
A
A
A
A
CVREF
CIN
VSS
ON/OFF
EXT
FB
SENSE
VOUT
VIN
CVL
RFB1
RFB2
CFB
Figure 7
4.
L
SD
PSW
Cb
Rb
VIN
CIN
CVREF
RFB2
RSENSE
CFB
RFB1
CSS
COUT
RSS
VON/OFF
+
+
VSS
ON/OFF
EXT
FB
SENSE
VOUT
VIN
CVL
Figure 8


Similar Part No. - S-8540

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540A15FN-IAAT2Z SII-S-8540A15FN-IAAT2Z Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540A15FN-IAAT2z SII-S-8540A15FN-IAAT2z Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540A15FN-IADT2G SII-S-8540A15FN-IADT2G Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540A15FN-IADT2S SII-S-8540A15FN-IADT2S Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540A15FN-IAKT2G SII-S-8540A15FN-IAKT2G Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8540

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com