Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8550 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8550
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8550 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8550 Datasheet HTML 1Page - Seiko Instruments Inc S-8550 Datasheet HTML 2Page - Seiko Instruments Inc S-8550 Datasheet HTML 3Page - Seiko Instruments Inc S-8550 Datasheet HTML 4Page - Seiko Instruments Inc S-8550 Datasheet HTML 5Page - Seiko Instruments Inc S-8550 Datasheet HTML 6Page - Seiko Instruments Inc S-8550 Datasheet HTML 7Page - Seiko Instruments Inc S-8550 Datasheet HTML 8Page - Seiko Instruments Inc S-8550 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev.2.1_01
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS
RECTIFICATION, PWM CONTROL SWITCHING REGULATORS S-8550/8551 Series
Seiko Instruments Inc.
1
The S-8550/8551 Series is a CMOS synchronous rectification step-down
switching regulator which mainly consists of a reference voltage circuit, an
oscillator, an error amplifier, a phase compensation circuit, a PWM controller, an
under voltage lockout circuit (UVLO), a current limit circuit, and a power MOS
FET. The oscillation frequency is high at 1.2 MHz, so a high efficiency, large
output current, step-down switching regulator can be achieved by using small
external parts.
The built-in synchronous rectification circuit makes achieving high efficiency
easier compared with conventional step-down switching regulators. A ceramic
capacitor can be used as an output capacitor.
High-density mounting is
supported by adopting a small SOT-23-5 package.
The S-8550 and S-8551 Series are offered according to different pin configuration.
Features
• Oscillation frequency :
1.2 MHz
• Input voltage range :
2.0 to 5.5 V
• Output voltage range :
Arbitrarily settable by external output voltage setting resistor
• Output current :
600 mA
• Reference voltage :
0.6 V
±2.0%
• Efficiency :
92%
• Soft-start function :
1 ms typ.
• Shutdown function :
Shutdown current consumption : 1.0
µA max.
• Built-in current limit circuit
• Pch power MOS FET on-resistance :
0.4
Ω typ.
• Nch power MOS FET on-resistance :
0.3
Ω typ.
• Constant continuous mode operation (no light load mode)
• Small package :
SOT-23-5
• Lead-free products
Applications
• Mobile devices, such as mobile phones, Bluetooth devices, wireless devices, digital audio players, digital still
cameras, portable DVD players, and portable CD players
Package
Drawing Code
Package Name
Package
Tape
Reel
SOT-23-5
MP005-A
MP005-A
MP005-A


Similar Part No. - S-8550

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
logo
Seiko Instruments Inc
S-8550AA-I8T1U SII-S-8550AA-I8T1U Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-I8T1U SII-S-8550AA-I8T1U Datasheet
1Mb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-M5T1G SII-S-8550AA-M5T1G Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-M5T1G SII-S-8550AA-M5T1G Datasheet
1Mb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
More results

Similar Description - S-8550

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
logo
Seiko Instruments Inc
S8550 SII-S8550 Datasheet
1Mb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com