Selected language     English  ▼


S-1000C33-M5T1G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part No. S-1000C33-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

 10 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 Series
Rev.2.3_00
10
Seiko Instruments Inc.
2. CMOS output products
Table 10
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measure-
ment
circuit
Detection voltage
*1
−VDET
−VDET(S)
×0.99
−VDET(S) −VDET(S)
×1.01
V
1
Hysteresis width
VHYS
−VDET
×0.03
−VDET
×0.05
−VDET
×0.07
V
1
VDD
= −VDET(S)+ 1.5 V S-1000C15 to 39
350
900
nA
2
Current consumption
ISS
VDD
= 5.5 V
S-1000C40 to 46
350
900
nA
2
Operating voltage
VDD
0.95
5.5
V
1
Output transistor,
Nch, VDS
= 0.5 V, VDD = 1.2 V
1.36
2.55
mA
3
Output current
IOUT
Output transistor,
Pch, VDS
= 0.5 V, VDD = 5.5 V
1.71
2.76
mA
4
Response time
tPLH
60
µs
1
Detection voltage
temperature coefficient
*2
∆−VDET
∆Ta•−VDET
Ta
= −40 to +85 °C
±100
±350
ppm/
°C
1
*1.
−VDET: Actual detection voltage value, −VDET(S): Specified detection voltage value (The center value of the detection voltage
range in Table 2.)
*2.
The temperature change ratio in the detection voltage [mV / °C] is calculated by using the following equation.
[]
()
[]
[] 1000
C
/
ppm
V
Ta
V
V
Typ.
V
C
/
mV
Ta
V
DET
DET
DET(S)
DET
÷
°
×
=
°
*3
*2
*1
*1.
Temperature change ratio of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S-801ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT INTERNAL DELAY TIME SETTING 1 2 3 4 5 MoreSeiko Instruments Inc
S-808XXCSUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR 1 2 3 4 5 MoreSeiko Instruments Inc
SDP8314-301SDP Series Optoschmitt Detector Side-looking Plastic Package 1 2 3 4 Honeywell Solid State Electronics Center
TS61Voltage Detector 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
1PMT5.0AT1_05Zener Transient Voltage Suppressor POWERMITE Package 1 2 3 4 5 MoreON Semiconductor
PQ015YZ5MZLow Voltage Operation Low Power-Loss Voltage Regulators SC-63 Package 1 2 3 4 5 MoreSharp Electrionic Components
S-817_1SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR 1 2 3 4 5 MoreSeiko Instruments Inc
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
ICL7665S_06CMOS Micropower Over/Under Voltage Detector 1 2 3 4 5 MoreIntersil Corporation
XC6101_1Voltage Detector VDF=1.6V~5.0V 1 2 3 4 5 MoreTorex Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl