Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8813 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8813 Datasheet HTML 5Page - Seiko Instruments Inc S-8813 Datasheet HTML 6Page - Seiko Instruments Inc S-8813 Datasheet HTML 7Page - Seiko Instruments Inc S-8813 Datasheet HTML 8Page - Seiko Instruments Inc S-8813 Datasheet HTML 9Page - Seiko Instruments Inc S-8813 Datasheet HTML 10Page - Seiko Instruments Inc S-8813 Datasheet HTML 11Page - Seiko Instruments Inc S-8813 Datasheet HTML 12Page - Seiko Instruments Inc S-8813 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
Rev.2.1_00
S-8813 Series
Seiko Instruments Inc.
9
S-881300CPE
PFM
control
oscillator
(600 kHz)
ON/OFF
circuit
VIN
C
+
C
IOUT1
IOUT2
IOUT3
GND
CPOUT
RISET
Soft
Start
circuit
Switch
control
circuit
+
Reference
voltage
CPUMP=0.22 μF
COUT=10 μF
R1
*1
Rs
Rf
SW 1
SW 2
SW 3
SW 4
+
ON/OFF
CIN=4.7 μF
S-881300BPE
PFM
control
oscillator
(600 kHz)
ON/OFF
circuit
VIN
C
+
C
IOUT1
IOUT2
IOUT3
GND
CPOUT
VISET
Soft
Start
circuit
Switch
control
circuit
+
Reference
voltage
CPUMP=0.22 μF
COUT=10 μF
R2
*2
Rs
Rf
SW 1
SW 2
SW 3
SW 4
+
ON/OFF
CIN=4.7 μF
*1. Current setting resistance
*2. Internal resistance
Figure 5 Block Diagram


Similar Part No. - S-8813

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFG SII-S-882125AMH-M2ATFG Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
More results

Similar Description - S-8813

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC410591FN SANYO-LC410591FN Datasheet
88Kb / 11P
   CMOS IC Power Supply IC with Built-in White LED Charge Pump
logo
Panasonic Semiconductor
AN13206A PANASONIC-AN13206A Datasheet
165Kb / 8P
   Video 75 W Driver IC built in Charge Pump Circuit
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172_08 Datasheet
870Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
   High Current LED Flash Driver Charge Pump IC
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com